Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2-Auto Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 157Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 158Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 159Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 160Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 161Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 162Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 163Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 164Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
161/371
LIN reception
In LIN mode the reception of a byte is the same as in SCI mode but the LINSCI has features
for handling the LIN header automatically (identifier detection) or semiautomatically (synch
break detection) depending on the LIN header detection mode. The detection mode is
selected by the LHDM bit in the SCICR3.
Additionally, an automatic resynchronization feature can be activated to compensate for any
clock deviation, for more details please refer to LIN baud rate on page 165.
LIN header handling by a slave
Depending on the LIN header detection method the LINSCI signals the detection of a LIN
header after the LIN synch break or after the identifier has been successfully received.
Note:
It is recommended to combine the header detection function with mute mode. Putting the
LINSCI in mute mode allows the detection of headers only and prevents the reception of any
other characters.
This mode can be used to wait for the next header without being interrupted by the data
bytes of the current message in case this message is not relevant for the application.
Synch break detection (LHDM = 0)
When a LIN synch break is received:
●
The RDRF bit in the SCISR register is set. It indicates that the content of the shift
register is transferred to the SCIDR register, a value of 0x00 is expected for a break.
●
The LHDF flag in the SCICR3 register indicates that a LIN synch break field has been
detected.
●
An interrupt is generated if the LHIE bit in the SCICR3 register is set and the I[1:0] bits
are cleared in the CCR register.
●
Then the LIN synch field is received and measured.
–
If automatic resynchronization is enabled (LASE bit = 1), the LIN synch field is not
transferred to the shift register: There is no need to clear the RDRF bit.
–
If automatic resynchronization is disabled (LASE bit = 0), the LIN synch field is
received as a normal character and transferred to the SCIDR register and RDRF is
set.
Note:
In LIN slave mode, the FE bit detects all frame error which does not correspond to a break.
Identifier detection (LHDM = 1)
This case is the same as the previous one except that the LHDF and the RDRF flags are set
only after the entire header has been received (this is true whether automatic
resynchronization is enabled or not). This indicates that the LIN identifier is available in the
SCIDR register.
Note:
During LIN synch field measurement, the SCI state machine is switched off: No characters
are transferred to the data register.
LIN slave parity
In LIN slave mode (LINE and LSLV bits are set) LIN parity checking can be enabled by
setting the PCE bit.
In this case, the parity bits of the LIN identifier field are checked. The identifier character is
recognized as the third received character after a break character (included) (see
Figure 66).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com