Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2-Auto Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 166Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 167Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 168Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 169Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 170Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 171Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 172Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 173Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
170/371
Table 68.
SCISR register description(1)
Bit Name
Function
7
TDRE
Transmit data register empty
This bit is set by hardware when the content of the TDR register has been transferred
into the shift register. An interrupt is generated if the TIE = 1 in the SCICR2 register. It
is cleared by a software sequence (an access to the SCISR register followed by a
write to the SCIDR register).
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
6TC
Transmission complete
This bit is set by hardware when transmission of a character containing data is
complete. An interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared by
a software sequence (an access to the SCISR register followed by a write to the
SCIDR register).
0: Transmission is not complete
1: Transmission is complete
Note: TC is not set after the transmission of a preamble or a break.
5RDRF
Received data ready flag
This bit is set by hardware when the content of the RDR register has been transferred
to the SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2 register. It is
cleared by a software sequence (an access to the SCISR register followed by a read
to the SCIDR register).
0: Data is not received
1: Received data is ready to be read
4IDLE
Idle line detected
This bit is set by hardware when an idle line is detected. An interrupt is generated if
the ILIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access to
the SCISR register followed by a read to the SCIDR register).
0: No idle line is detected
1: idle line is detected
Note: The idle bit is not set again until the RDRF bit has been set itself (that is, a new
idle line occurs).
3LHE
LIN header error
During LIN header this bit signals three error types:
The LIN synch field is corrupted and the SCI is blocked in LIN Synch state (LSF
bit = 1).
A timeout occurred during LIN header reception.
An overrun error was detected on one of the header field (see OR bit description in
SCI status register (SCISR) on page 152).
An interrupt is generated if RIE = 1 in the SCICR2 register. If blocked in the LIN synch
state, the LSF bit must first be reset (to exit LIN synch field state and then to be able to
clear LHE flag). Then it is cleared by the following software sequence: An access to
the SCISR register followed by a read to the SCIDR register.
0: No LIN Header error
1: LIN Header error detected
Note: Apart from the LIN header this bit signals an overrun error as in SCI mode, (see
description in SCI status register (SCISR) on page 152).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com