Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2-Auto Datasheet(PDF) 197 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 197 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 193Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 194Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 195Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 196Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 197Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 198Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 199Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 200Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
197/371
Table 88 shows the event control selected by the ZVD and CPB bits. In most cases, the D
and Z events have opposite edge polarity, so the ZVD bit is usually 0.
Demagnetization (D) event
At the end of the demagnetization phase, current no longer goes through the free-wheeling
diodes. The voltage on the non-excited winding terminal goes from one of the power rail
voltages to the common star connection voltage plus the BEMF voltage. In some cases (if
the BEMF voltage is positive and the free-wheeling diodes are at ground for example) this
end of demagnetization can be seen as a voltage edge on the selected MCIx input and it is
called a hardware demagnetization event DH. See Table 88.
The D event filter can be used to select the number of consecutive D events needed to
generate the DH event.
If enabled by the HDM bit in the MCRB register, the current value of the MTIM timer is
captured in register MDREG when this event occurs in order to be able to simulate the
demagnetization phase for the next steps.
1110
15
1111
16
Table 88.
ZVD and CPB edge selection bits(1)
1.
Legend:
DW = D window filter
DEF = D event filter
ZWF = Z window filter
ZEF = Z event filter. Refer also to Table 92 on page 207.
ZVD bit
CPB bit
Event generation vs input data sampled
00
01
10
11
Note:
The ZVD bit is located in the MPOL register, the CPB bit is in the MCRB register.
Table 87.
Z event filter setting (continued)
ZEF3
ZEF2
ZEF1
ZEF0
Z event limit
CDH
Z
ZWF
ZEF
DEF
DWF
CDH
Z
ZWF
ZEF
DEF
DWF
CDH
Z
ZWF
DEF
ZEF
DWF
CDH
Z
ZWF
DWF
DEF
ZEF
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com