Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2-Auto Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 198Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 199Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 200Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 201Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 202Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 203Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 204Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 205Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
202/371
Figure 84.
Protection of ZH event detection
1.
Preload bit, new value taken into account at the next C event (in normal mode) or when a value is written in the MPHST
register when in direct access mode. For more details refer to the description of the DAC bit in Control register A (MCRA)
on page 265. The use of a preload register allows all the registers to be updated at the same time
Position sensor mode
In position sensor mode (SR = 1 in MCRA register), the rotor position information is given to the
peripheral by means of logical data on the three inputs MCIA, MCIB and MCIC (hall sensors).
For each step one of these three inputs is selected (IS[1:0] bits in register MPHST) in order to detect the
Z event. Be careful that the phase comparator is OFF until CKE and /or DAC bits are set in MCRA
register.
In sensor mode, demagnetization and the related features (such as the special PWM configuration, DS or
DH management, programmable filter) are not available (see Table 90).
In sensor mode configuration the rotor detection does not need a particular phase configuration to
perform the measurement and a Z event can be read from any detection window. The sampling is done
at a selectable frequency (fSCF) (see Table 166). This means that Z event position sensoring is more
precise than it is in sensorless mode.
Table 90.
Demagnetization access
SR bit MCRA register
Demagnetization feature availability
1No
0Yes
+
-
D
CP
S
Q
Q
R
D
CP
S
Q
Q
R
D
CP
S
Q
Q
R
V
I
F
D
Rz
Sampling clock
Current sample
Previous sample
Phase comparator
Falling/rising edge
MPOL register
CPB(1) bit
Direct/filter PZ
MCRA register
bit 1
ZVD bit
Fz
Instantaneous
edge
Z
C
Fz
CRz
C
Fz
Rz
Commutation event
Rising edge zero-crossing
Falling edge zero-crossing
Current mode
Voltage mode
I
V
MCRB register
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com