Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 140Page - STMicroelectronics ST10F296TR Datasheet HTML 141Page - STMicroelectronics ST10F296TR Datasheet HTML 142Page - STMicroelectronics ST10F296TR Datasheet HTML 143Page - STMicroelectronics ST10F296TR Datasheet HTML 144Page - STMicroelectronics ST10F296TR Datasheet HTML 145Page - STMicroelectronics ST10F296TR Datasheet HTML 146Page - STMicroelectronics ST10F296TR Datasheet HTML 147Page - STMicroelectronics ST10F296TR Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
144/346
13.6.2
Alternate functions of Port 4
During external bus cycles that use segmentation (for address space above 64 Kbytes) a
number of Port 4 pins may output the segment address lines. The number of pins that are
used for segment address output determines the external address space which is directly
accessible. The other pins of Port 4 (if any) may be used for general purpose I/O. If segment
address lines are selected, the alternate function of Port 4 may be required to access
external memory directly after reset. Consequently, Port 4 is switched to this alternate
function automatically.
The number of segment address lines is selected via Port 0 during reset. The selected value
can be read from the bit-field, SALSEL, in register RP0H (a read-only register) to check
configuration during run time.
The CAN interfaces use two or four pins of Port 4 to interface the CAN module to the
external CAN transceiver. In this case the number of possible segment address lines is
reduced. The case is the same when the I2C interface module is used.
Table 84 summarizes the alternate functions of Port 4 depending on the number of selected
segment address lines (coded via bit-field SALSEL).
.
Table 84.
Port 4 alternate functions
Port 4
Standard function
SALSEL = 01
64 Kbytes
Alternate function
SALSEL = 11
256 Kbytes
Alternate function
SALSEL = 00
1 Mbyte
Alternate function
SALSEL = 10(1)(2)
16 Mbytes
1.
When SALSEL = 10, CAN1 and CAN2 cannot be used and the external memory has a higher priority on the CAN alternate
functions. Once the I2C is enabled, P4.4 and P4.7 are dedicated to it and it has higher priority on the CAN alternate
functions and on segment address functions.
2.
If SALSEL= 10 and I2C is enabled, P4.5 and P4.6 continue to output address lines.
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
GPIO
GPIO
GPIO
GPIO
GPIO/CAN2_RxD/SCL
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD/SDA
Segment address A16
Segment address A17
GPIO
GPIO
GPIO/CAN2_RxD/SCL
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD/SDA
Segment. address A16
Segment address A17
Segment address A18
Segment address A19
GPIO/CAN2_RxD/SCL
GPIO/CAN1_RxD
GPIO/CAN1_TxD
GPIO/CAN2_TxD/SDA
Segment address A16
Segment address A17
Segment address A18
Segment address A19
Segment address A20
Segment address A21
Segment address A22
Segment address A23
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com