Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 167Page - STMicroelectronics ST10F296TR Datasheet HTML 168Page - STMicroelectronics ST10F296TR Datasheet HTML 169Page - STMicroelectronics ST10F296TR Datasheet HTML 170Page - STMicroelectronics ST10F296TR Datasheet HTML 171Page - STMicroelectronics ST10F296TR Datasheet HTML 172Page - STMicroelectronics ST10F296TR Datasheet HTML 173Page - STMicroelectronics ST10F296TR Datasheet HTML 174Page - STMicroelectronics ST10F296TR Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
171/346
XDP9CLR register
XODP9 register
XODP9SET register
XDP9CLR (EB8Ah)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XDP
9CL
R.15
XDP
9CL
R.14
XDP
9CL
R.13
XDP
9CL
R.12
XDP
9CL
R.11
XDP
9CL
R.10
XDP
9CL
R.9
XDP
9CL
R.8
XDP
9CL
R.7
XDP
9CL
R.6
XDP
9CL
R.5
XDP
9CL
R.4
XDP
9CL
R.3
XDP
9CL
R.2
XDP
9CL
R.1
XDP
9CL
R.0
WWWWW
WWW
W
WWWWW
WW
Table 107.
XDP9CLR register description
Bit
Bit name
Function
15-0
XDP9CLR.y
Writing a 1 clears the corresponding bit of the XDP9.y register. Writing a 0
has no effect.
XODP9 (EB8Ch)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XO
DP9
.15
XO
DP9
.14
XO
DP9
.13
XO
DP9
.12
XO
DP9
.11
XO
DP9
.10
XO
DP9
.9
XO
DP9
.8
XO
DP9
.7
XO
DP9
.6
XO
DP9
.5
XO
DP9
.4
XO
DP9
.3
XO
DP9
.2
XO
DP9
.1
XO
DP9
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 108.
XODP9 register description
Bit
Bit name
Function
15-0
XODP9.y
Port open-drain control register XODP9 bit y
0: Port line XP9.y output driver in push-pull mode
1: Port line XP9.y output driver in open-drain mode
XODP9SET (EB8Eh)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XO
DP9
SET
.15
XO
DP9
SET
.14
XO
DP9
SET
.13
XO
DP9
SET
.12
XO
DP9
SET
.11
XO
DP9
SET
.10
XO
DP9
SET
.9
XO
DP9
SET
.8
XO
DP9
SET
.7
XO
DP9
SET
.6
XO
DP9
SET
.5
XO
DP9
SET
.4
XO
DP9
SET
.3
XO
DP9
SET
.2
XO
DP9
SET
.1
XO
DP9
SET
.0
WWWWW
WWW
W
WWWWW
WW
Table 109.
XODP9SET register description
Bit
Bit name
Function
15-0
XODP9SET.y
Writing a 1 sets the corresponding bit of the XODP9.y register. Writing a 0
has no effect.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com