Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 182Page - STMicroelectronics ST10F296TR Datasheet HTML 183Page - STMicroelectronics ST10F296TR Datasheet HTML 184Page - STMicroelectronics ST10F296TR Datasheet HTML 185Page - STMicroelectronics ST10F296TR Datasheet HTML 186Page - STMicroelectronics ST10F296TR Datasheet HTML 187Page - STMicroelectronics ST10F296TR Datasheet HTML 188Page - STMicroelectronics ST10F296TR Datasheet HTML 189Page - STMicroelectronics ST10F296TR Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Serial channels
ST10F296E
186/346
15.1.3
ASC0 in synchronous mode
In synchronous mode, data are transmitted or received synchronously to a shift clock which
is generated by the ST10F296E. Half-duplex communication up to 8 Mbaud (at 40 MHz of
fCPU) is possible in this mode. See Figure 65.
Figure 65.
Synchronous mode of serial channel ASC0
15.1.4
Synchronous mode baud rates
For synchronous operation, the baud rate generator provides a clock with four times the rate
of the established baud rate. The baud rate for synchronous operation of serial channel
ASC0 can be determined by the following formulae:
(S0BRL) represents the content of the reload register, taken as an unsigned 13-bit integer.
(S0BRS) represents the value of the S0BRS bit (0 or 1), taken as an integer.
Using the above equations, the maximum baud rate can be calculated for any clock speed
as given in Table 121 and Table 120 for a CPU clock frequency equal to 40 MHz and 64
MHz respectively.
2
CPU
clock
S0R
Baud rate timer
Reload register
4
Clock
Serial port control
Shift clock
S0M = 000B
S0OE
S0REN
S0OEN
S0LB
S0RIR
S0TIR
S0EIR
Receive interrupt
request
Transmit interrupt
request
Error interrupt
request
Transmit shift
register
Receive shift
register
Transmit buffer
register S0TBUF
Receive buffer
register S0RBUF
MUX
0
1
Pin
Internal bus
Receive
Output
Transmit
Pin
Input/output
TDX0
RxD0
B
Sync
f
CPU
4
2
S0BRS
()
+
[]
S0BRL
() 1
+
[]
×
×
⁄
=
S0BRL
f
CPU
4
2
S0BRS
()
+
[]
×
⁄
B
Sync
×
() 1
–
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com