Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 189Page - STMicroelectronics ST10F296TR Datasheet HTML 190Page - STMicroelectronics ST10F296TR Datasheet HTML 191Page - STMicroelectronics ST10F296TR Datasheet HTML 192Page - STMicroelectronics ST10F296TR Datasheet HTML 193Page - STMicroelectronics ST10F296TR Datasheet HTML 194Page - STMicroelectronics ST10F296TR Datasheet HTML 195Page - STMicroelectronics ST10F296TR Datasheet HTML 196Page - STMicroelectronics ST10F296TR Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
CAN modules
193/346
17.2
Configuration support
Both CAN controllers can work on the same CAN bus and support up to 64 message
objects. In this configuration, both receive and transmit signals are linked together when
using the same CAN transceiver. This configuration is particularly supported by providing
open-drain outputs for the CAN1_Txd and CAN2_TxD signals. The open-drain function is
controlled with the ODP4 register for Port P4. In this way it is possible to connect pins P4.4
with P4.5 (receive lines) and pins P4.6 with P4.7 (transmit lines configured to be open-
drain).
The user is also allowed to map both CAN modules internally on the same pins, P4.5 and
P4.6. In this way, pins P4.4 and P4.7 may be used either as general purpose I/O lines or for
I2C interface. This is done by setting the CANPAR bit of the XMISC register. To access this
register, the XMISCEN and XPEN bits of the XPERCON and SYSCON registers
respectively must be set.
Note:
CAN parallel mode is effective only if both CAN1 and CAN2 are enabled by setting bits
CAN1EN and CAN2EN in the XPERCON register. If CAN1 is disabled, CAN2 remains on
P4.4/P4.7 even if bit CANPAR is set.
17.3
Clock prescaling
The XMISC register also provides a bit (CANCK2) which modifies the clock frequency
driving both the CAN modules. Due to architectural limitations of the CAN module, when the
CPU frequency is higher than 40 MHz, it is recommended to provide each CAN module with
the CPU clock divided by 2. It is sufficient to supply 20 MHz for the CAN module to produce
the maximum baud rate defined by the protocol standard. The CPU frequency can be
reduced down to 8 MHz. It is still possible to obtain the maximum CAN speed (1Mbaud) by
feeding the CAN module directly with the CPU clock disabling the prescaler factor.
After reset, the prescaler is enabled, the CPU clock is divided by two, and provides the CAN
modules. According to the system clock frequency, the application can disable the prescaler
to obtain the required baud rate.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com