Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 212Page - STMicroelectronics ST10F296TR Datasheet HTML 213Page - STMicroelectronics ST10F296TR Datasheet HTML 214Page - STMicroelectronics ST10F296TR Datasheet HTML 215Page - STMicroelectronics ST10F296TR Datasheet HTML 216Page - STMicroelectronics ST10F296TR Datasheet HTML 217Page - STMicroelectronics ST10F296TR Datasheet HTML 218Page - STMicroelectronics ST10F296TR Datasheet HTML 219Page - STMicroelectronics ST10F296TR Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
216/346
Warning:
It is recommended to provide the external hardware with a
current limitation circuitry. This is necessary to avoid
permanent damage to the device during the power-on
transient, when the capacitance on V18 pin is charged. For
the on-chip voltage regulator functionality, 10 nF is sufficient.
A maximum of 100 nF on the V18 pin should not generate
problems of overcurrent (a higher value is allowed if the
current is limited by the external hardware). External current
limitation is also recommended to avoid risks of damage in
case of temporary shorts between V18 and ground. The
internal 1.8 V drivers are sized to drive currents of several
tens of ampere, so, the current must be limited by the
external hardware. The current limit is imposed by power
dissipation considerations (refer to Section 24: Electrical
characteristics).
Figure 75 and Figure 76 show the asynchronous power-on timing diagrams with boot from
internal or external memory respectively. The reset phase extension that is introduced by
the embedded Flash module, is highlighted.
Note:
Never power the device without keeping the RSTIN pin grounded as the device could enter
unpredictable states which could permanently damage it.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com