Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 227 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 227 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 223Page - STMicroelectronics ST10F296TR Datasheet HTML 224Page - STMicroelectronics ST10F296TR Datasheet HTML 225Page - STMicroelectronics ST10F296TR Datasheet HTML 226Page - STMicroelectronics ST10F296TR Datasheet HTML 227Page - STMicroelectronics ST10F296TR Datasheet HTML 228Page - STMicroelectronics ST10F296TR Datasheet HTML 229Page - STMicroelectronics ST10F296TR Datasheet HTML 230Page - STMicroelectronics ST10F296TR Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
227/346
20.5
Watchdog timer reset
When the watchdog timer is not disabled during initialization, or if it is not serviced regularly
during program execution, it overflows and triggers the reset sequence.
Unlike hardware and software resets, the watchdog reset completes a running external bus
cycle if the bus cycle does not use READY, or if READY is sampled active (low) after the
programmed wait states.
When READY is sampled inactive (high) after the programmed wait states, the running
external bus cycle is aborted. Then the internal reset sequence is started.
Bit P0.12...P0.8 are latched at the end of the reset sequence and bit P0.7...P0.2 are cleared
(written at 1).
A watchdog reset is always taken as synchronous. There is no influence on watchdog reset
behavior with RPD status. If a bidirectional reset is selected, a watchdog reset event pulls
the RSTIN pin low. This occurs only if RPD is high. If RPD is low, the RSTIN pin is not pulled
low even though a bidirectional reset is selected.
See Figure 83 and Figure 84 which shows unidirectional software reset timing. See
Figure 85, Figure 86, and Figure 87 for bidirectional software reset timing.
Figure 83.
Software/watchdog timer unidirectional reset (EA = 1)
P0[7:2]
Not transparent
P0[12:8]
Transparent
Not t.
P0[1:0]
Not t.
not transparent
RST
1024 TCL
RSTOUT
RSTIN
IBUS-CS
7 TCL
P0[15:13]
Not transparent
FLARST
≤1 ms
(internal)
≤2 TCL
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com