Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 256 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 256 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 252Page - STMicroelectronics ST10F296TR Datasheet HTML 253Page - STMicroelectronics ST10F296TR Datasheet HTML 254Page - STMicroelectronics ST10F296TR Datasheet HTML 255Page - STMicroelectronics ST10F296TR Datasheet HTML 256Page - STMicroelectronics ST10F296TR Datasheet HTML 257Page - STMicroelectronics ST10F296TR Datasheet HTML 258Page - STMicroelectronics ST10F296TR Datasheet HTML 259Page - STMicroelectronics ST10F296TR Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
256/346
PWMIC (b)
F17Eh (E)
BFh
PWM module interrupt control register
--00h
QR0
F004h (E)
02h
MAC unit offset register R0
0000h
QR1
F006h (E)
03h
MAC unit offset register r1
0000h
QX0
F000h (E)
00h
MAC unit offset register x0
0000h
QX1
F002h (E)
01h
MAC unit offset register x1
0000h
RP0H (b)
F108h (E)
84h
System start-up configuration register (read-only)
--XXh
S0BG
FEB4h
5Ah
Serial channel 0 baud rate generator reload register
0000h
S0CON (b)
FFB0h
D8h
Serial channel 0 control register
0000h
S0EIC (b)
FF70h
B8h
Serial channel 0 error interrupt control register
--00h
S0RBUF
FEB2h
59h
Serial channel 0 receive buffer register (read-only)
--XXh
S0RIC (b)
FF6Eh
B7h
Serial channel 0 receive interrupt control register
--00h
S0TBIC (b)
F19Ch (E)
CEh
Serial channel 0 transmit buffer interrupt control register --00h
S0TBUF
FEB0h
58h
Serial channel 0 transmit buffer register (write-only)
0000h
S0TIC (b)
FF6Ch
B6h
Serial channel 0 transmit interrupt control register
--00h
SP
FE12h
09h
CPU system stack pointer register
FC00h
SSCBR
F0B4h (E)
5Ah
SSC baud rate register
0000h
SSCCON (b)
FFB2h
D9h
SSC control register
0000h
SSCEIC (b)
FF76h
BBh
SSC error interrupt control register
--00h
SSCRB
F0B2h (E)
59h
SSC receive buffer (read-only)
XXXXh
SSCRIC (b)
FF74h
BAh
SSC receive interrupt control register
--00h
SSCTB
F0B0h (E)
58h
SSC transmit buffer (write-only)
0000h
SSCTIC (b)
FF72h
B9h
SSC transmit interrupt control register
--00h
STKOV
FE14h
0Ah
CPU stack overflow pointer register
FA00h
STKUN
FE16h
0Bh
CPU stack underflow pointer register
FC00h
SYSCON (b)
FF12h
89h
CPU system configuration register
0xx0h(1)
T0
FE50h
28h
CAPCOM timer 0 register
0000h
T01CON (b)
FF50h
A8h
CAPCOM timer 0 and timer 1 control register
0000h
T0IC (b)
FF9Ch
CEh
CAPCOM timer 0 interrupt control register
--00h
T0REL
FE54h
2Ah
CAPCOM timer 0 reload register
0000h
T1
FE52h
29h
CAPCOM timer 1 register
0000h
T1IC (b)
FF9Eh
CFh
CAPCOM timer 1 interrupt control register
--00h
T1REL
FE56h
2Bh
CAPCOM timer 1 reload register
0000h
T2
FE40h
20h
GPT1 timer 2 register
0000h
T2CON (b)
FF40h
A0h
GPT1 timer 2 control register
0000h
Table 140.
SFRs ordered by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com