Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 264 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 264 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 260Page - STMicroelectronics ST10F296TR Datasheet HTML 261Page - STMicroelectronics ST10F296TR Datasheet HTML 262Page - STMicroelectronics ST10F296TR Datasheet HTML 263Page - STMicroelectronics ST10F296TR Datasheet HTML 264Page - STMicroelectronics ST10F296TR Datasheet HTML 265Page - STMicroelectronics ST10F296TR Datasheet HTML 266Page - STMicroelectronics ST10F296TR Datasheet HTML 267Page - STMicroelectronics ST10F296TR Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
264/346
CC12IC (b)
FF90h
C8h
CAPCOM register 12 interrupt control register
--00h
CC13IC (b)
FF92h
C9h
CAPCOM register 13 interrupt control register
--00h
CC14IC (b)
FF94h
CAh
CAPCOM register 14 interrupt control register
--00h
CC15IC (b)
FF96h
CBh
CAPCOM register 15 interrupt control register
--00h
ADCIC (b)
FF98h
CCh
ADC end of conversion interrupt control register
--00h
ADEIC (b)
FF9Ah
CDh
ADC overrun error interrupt control register
--00h
T0IC (b)
FF9Ch
CEh
CAPCOM timer 0 interrupt control register
--00h
T1IC (b)
FF9Eh
CFh
CAPCOM timer 1 interrupt control register
--00h
ADCON (b)
FFA0h
D0h
ADC control register
0000h
P5 (b)
FFA2h
D1h
Port 5 register (read-only)
XXXXh
P5DIDIS (b)
FFA4h
D2h
Port 5 digital disable register
0000h
TFR (b)
FFACh
D6h
Trap flag register
0000h
WDTCON (b)
FFAEh
D7h
Watchdog timer control register
00xxh
S0CON (b)
FFB0h
D8h
Serial channel 0 control register
0000h
SSCCON (b)
FFB2h
D9h
SSC control register
0000h
P2 (b)
FFC0h
E0h
Port 2 register
0000h
DP2 (b)
FFC2h
E1h
Port 2 direction control register
0000h
P3 (b)
FFC4h
E2h
Port 3 register
0000h
DP3 (b)
FFC6h
E3h
Port 3 direction control register
0000h
P4 (b)
FFC8h
E4h
Port 4 register (8-bit)
--00h
DP4 (b)
FFCAh
E5h
Port 4 direction control register
--00h
P6 (b)
FFCCh
E6h
Port 6 register (8-bit)
--00h
DP6 (b)
FFCEh
E7h
Port 6 direction control register
--00h
P7 (b)
FFD0h
E8h
Port 7 register (8-bit)
--00h
DP7 (b)
FFD2h
E9h
Port 7 direction control register
--00h
P8 (b)
FFD4h
EAh
Port 8 register (8-bit)
--00h
DP8 (b)
FFD6h
EBh
Port 8 direction control register
--00h
MRW (b)
FFDAh
EDh
MAC unit repeat word
0000h
MCW (b)
FFDCh
EEh
MAC unit control word
0000h
MSW (b)
FFDEh
EFh
MAC unit status word
0200h
Table 141.
SFRs ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com