Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 283 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 283 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 279Page - STMicroelectronics ST10F296TR Datasheet HTML 280Page - STMicroelectronics ST10F296TR Datasheet HTML 281Page - STMicroelectronics ST10F296TR Datasheet HTML 282Page - STMicroelectronics ST10F296TR Datasheet HTML 283Page - STMicroelectronics ST10F296TR Datasheet HTML 284Page - STMicroelectronics ST10F296TR Datasheet HTML 285Page - STMicroelectronics ST10F296TR Datasheet HTML 286Page - STMicroelectronics ST10F296TR Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
283/346
Table 151.
BUSCONx register description
Bit
Bit name
Function
15
CSWENx
Write chip select enable
0: The CS signal is independent of the write command (WR, WRL,
WRH).
1: The CS signal is generated for the duration of the write command.
14
CSRENx
Read chip select enable
0: The CS signal is independent of the read command (RD).
1: The CS signal is generated for the duration of the read command.
13
RDYPOLx
Ready active level control
0: Active level on the READY pin is low and he bus cycle terminates
with an 0 on this pin.
1: Active level on the READY pin is high and the bus cycle terminates
with a 1 on this pin.
12
RDYENx
READY input enable
0: External bus cycle is controlled by the MCTC bit field.
1: External bus cycle is controlled by the READY input signal.
10
BUSACTx
Bus active control
0: External bus disabled.
1: External bus enabled (within the respective address window, see
ADDRSEL register.
9ALECTLx
ALE lengthening control
0: Normal ALE signal.
1: Lengthened ALE signal.
7-6
BTYP
External bus configuration
00: 8-bit demultiplexed bus
01: 8-bit multiplexed bus
10: 16-bit demultiplexed bus
11: 16-bit multiplexed bus
Note 1: BTYP bits of BUSCON0 are defined via Port 0 during reset.
They are set according to the configuration of bit 6 and 7 of Port 0
latched at the end of the reset sequence.
Note 2: If the EA pin is high during reset, the BUSCON0 register is
initialized with 0000h. If EA pin is low during reset, the BUSACT0 and
ALECTL0 bits are set (1) and the BTYP bit field is loaded with the bus
configuration selected via Port 0.
5MTTCx
Memory tristate time control
0: 1 wait state.
1: No wait state.
4
RWDCx
Read/write delay control for BUSCONx
0: With read/write delay, the CPU inserts 1 TCL after falling edge of
ALE.
1: No read/write delay; RW is activated after falling edge of ALE.
3-0
MCTC
Memory cycle time control (number of memory cycle time wait states)
0000: 15 wait states (number of wait states = 15 - [MCTC]).
. . .
1111: No wait states.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com