Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 334 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 334 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 330Page - STMicroelectronics ST10F296TR Datasheet HTML 331Page - STMicroelectronics ST10F296TR Datasheet HTML 332Page - STMicroelectronics ST10F296TR Datasheet HTML 333Page - STMicroelectronics ST10F296TR Datasheet HTML 334Page - STMicroelectronics ST10F296TR Datasheet HTML 335Page - STMicroelectronics ST10F296TR Datasheet HTML 336Page - STMicroelectronics ST10F296TR Datasheet HTML 337Page - STMicroelectronics ST10F296TR Datasheet HTML 338Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
334/346
24.8.17
READY and CLKOUT
VDD = 5 V ±10 %, VSS = 0 V, TA = -40 to 125°C, CL = 50 pF.
Table 177.
READY and CLKOUT
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Unit
Min
Max
Min
Max
t29 (CC)
CLKOUT cycle time
25
25
2 TCL
2 TCL
ns
t30 (CC)
CLKOUT high time
9
-
TCL - 3.5
-
t31 (CC)
CLKOUT low time
10
TCL - 2.5
t32 (CC)
CLKOUT rise time
-4
-
4
t33 (CC)
CLKOUT fall time
t34 (CC)
CLKOUT rising edge to
ALE falling edge
-2 + tA
8 + tA
-2 + tA
8 + tA
t35 (SR)
Synchronous READY
setup time to CLKOUT
17
-
17
-
t36 (SR)
Synchronous READY
hold time after CLKOUT
22
t37 (SR)
Asynchronous READY low
time
35
2 TCL + 10
t58 (SR)
Asynchronous READY
setup time(1)
1.
These timings are given for characterization purposes only, to assure recognition at a specific clock edge.
17
17
t59 (SR)
Asynchronous READY
hold time(1)
22
t60 (SR)
Asynchronous READY
hold time after RD and
WR high
(demultiplexed bus)(2)
2.
Demultiplexed bus is the worst case scenario. For a multiplexed bus, 2TCLs must be added to the
maximum values. This adds even more time for deactivating READY. 2tA and tC refer to the next bus cycle
and tF refers to the current bus cycle.
02tA + tC + tF
02tA + tC + tF
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com