Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296TR Datasheet(PDF) 345 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 345 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 338Page - STMicroelectronics ST10F296TR Datasheet HTML 339Page - STMicroelectronics ST10F296TR Datasheet HTML 340Page - STMicroelectronics ST10F296TR Datasheet HTML 341Page - STMicroelectronics ST10F296TR Datasheet HTML 342Page - STMicroelectronics ST10F296TR Datasheet HTML 343Page - STMicroelectronics ST10F296TR Datasheet HTML 344Page - STMicroelectronics ST10F296TR Datasheet HTML 345Page - STMicroelectronics ST10F296TR Datasheet HTML 346Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 345 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Revision history
345/346
27
Revision history
Table 183.
Document revision history
Date
Revision
Changes
24-Jan-2005
1
Initial release.
20-Oct-2008
2
Initial public release.
Document reformatted; content of Features reworked to fit into one
page (no technical changes); content of remaining document
reworked to improve readability (no technical changes).
Updated Table 1: Device summary.
Section 7: Central processing unit (CPU): Removed sections on the
SYSCON register and MAC features; amended Section 7.3;
removed table entitled MAC coprocessor specific instructions and
replaced with Table 46; removed tables entitled Pointer
postmodification combinations for Rwn and IDXi and MAC registers
referenced as ‘CoReg’.
Section 9: Interrupt system: Updated introductory text; removed
sections on Extrenal interrupts and Interrupt control register;
removed some text from Section 9.1: XPeripheral interrupt.
Section 24: Electrical characteristics: Updated Table 164, Table 172,
Table 176, Figure 99, and Figure 120.
Section 25: Package mechanical data: Added ECOPACK text.
Table 181: PBGA 208 (23 x 23 x 1.96 mm) mechanical data:
Converted values in inches to four decimal places.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com