Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 112Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 113Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 114Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 115Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 116Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 117Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 118Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 119Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 243 page
background image
16-bit timer
ST72321xx-Auto
116/243
Doc ID 13829 Rev 1
13.7.4
Input capture 1 high register (IC1HR)
This is an 8-bit read only register that contains the high part of the counter value (transferred
by the input capture 1 event).
Table 62.
CSR register description
Bit
Name
Function
7ICF1
Input Capture Flag 1
0: No input capture (reset value)
1: An input capture has occurred on the ICAP1 pin or the counter has reached the
OC2R value in PWM mode. To clear this bit, first read the SR register, then read
or write the low byte of the IC1R (IC1LR) register.
6OCF1
Output Compare Flag 1
0: No match (reset value)
1: The content of the free running counter has matched the content of the OC1R
register. To clear this bit, first read the SR register, then read or write the low byte
of the OC1R (OC1LR) register.
5TOF
Timer Overflow Flag
0: No timer overflow (reset value)
1: The free running counter rolled over from FFFFh to 0000h. To clear this bit, first
read the SR register, then read or write the low byte of the CR (CLR) register.
Note: Reading or writing the ACLR register does not clear TOF.
4ICF2
Input Capture Flag 2
0: No input capture (reset value).
1: An input capture has occurred on the ICAP2 pin. To clear this bit, first read the
SR register, then read or write the low byte of the IC2R (IC2LR) register.
3OCF2
Output Compare Flag 2
0: No match (reset value)
1: The content of the free running counter has matched the content of the OC2R
register. To clear this bit, first read the SR register, then read or write the low byte
of the OC2R (OC2LR) register.
2TIMD
Timer disable
This bit is set and cleared by software. When set, it freezes the timer prescaler
and counter and disabled the output functions (OCMP1 and OCMP2 pins) to
reduce power consumption. Access to the timer registers is still available, allowing
the timer configuration to be changed, or the counter reset, while it is disabled.
0: Timer enabled
1: Timer prescaler, counter and outputs disabled
1:0
-
Reserved, must be kept cleared
IC1HR
Reset value: Undefined
76
543
21
0
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com