Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 143Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 144Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 145Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 146Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 147Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 148Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 149Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 150Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 243 page
background image
ST72321xx-Auto
Serial communications interface (SCI)
Doc ID 13829 Rev 1
147/243
15.7
SCI registers
15.7.1
Status register (SCISR)
Idle Line Detected
IDLE
ILIE
Yes
No
Parity Error
PE
PIE
Yes
No
Table 72.
SCI interrupt control/wake-up capability
Interrupt event
Event flag
Enable control
bit
Exit from
Wait
Exit from
Halt
SCISR
Reset value: 1100 0000 (C0h)
76
543
21
0
TDRE
TC
RDRF
IDLE
OR
NF
FE
PE
RO
RO
RO
RO
RO
RO
RO
RO
Table 73.
SCISR register description
Bit
Name
Function
7TDRE
Transmit data register empty
This bit is set by hardware when the content of the TDR register has been
transferred into the shift register. An interrupt is generated if the TIE bit = 1 in the
SCICR2 register. It is cleared by a software sequence (an access to the SCISR
register followed by a write to the SCIDR register).
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
Note: Data is not transferred to the shift register unless the TDRE bit is cleared.
6TC
Transmission complete
This bit is set by hardware when transmission of a frame containing Data is
complete. An interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared
by a software sequence (an access to the SCISR register followed by a write to the
SCIDR register).
0: Transmission is not complete
1: Transmission is complete
Note: TC is not set after the transmission of a Preamble or a Break.
5
RDRF
Received data ready flag
This bit is set by hardware when the content of the RDR register has been
transferred to the SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2
register. It is cleared by a software sequence (an access to the SCISR register
followed by a read to the SCIDR register).
0: Data is not received
1: Received data is ready to be read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com