Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 166Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 167Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 168Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 169Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 170Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 171Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 172Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 173Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 243 page
background image
I2C bus interface (I2C)
ST72321xx-Auto
170/243
Doc ID 13829 Rev 1
16.7.7
I2C own address register (OAR2)
Table 88.
OAR1 register description
Bit
Name
Function
7-bit addressing mode
10-bit addressing mode
7:1
ADD[7:1]
Interface address
These bits define the I2C bus address
of the interface. They are not cleared
when the interface is disabled
(PE = 0).
Not applicable
0
ADD0
Address direction bit
This bit is ‘don’t care’, the interface
acknowledges either 0 or 1. It is not
cleared when the interface is disabled
(PE = 0).
Address 01h is always ignored.
7:0
ADD[7:0]
Not applicable
Interface address
These are the least significant bits of
the I2C bus address of the interface.
They are not cleared when the
interface is disabled (PE = 0).
OAR2
Reset value: 0100 0000 (40h)
76
543
21
0
FR[1:0]
Reserved
ADD[9:8]
Reserved
RW
-
RW
-
Table 89.
OAR2 register description
Bit
Name
Function
7:6
FR[1:0]
Frequency bits
These bits are set by software only when the interface is disabled (PE = 0). To
configure the interface to I2C specified delays, select the value corresponding to
the CPU frequency fCPU.
00:
fCPU < 6 MHz
01:
fCPU = 6 to 8 MHz
5:3
-
Reserved
2:1
ADD[9:8]
Interface address
These are the most significant bits of the I2C bus address of the interface (10-bit
mode only). They are not cleared when the interface is disabled (PE = 0).
0-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com