Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 185Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 186Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 187Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 188Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 189Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 190Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 191Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 192Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
189/243
19.3.2
Operating conditions with low voltage detector (LVD)
Subject to general operating conditions for VDD, fCPU, and TA.
19.3.3
Auxiliary voltage detector (AVD) thresholds
Subject to general operating conditions for VDD, fCPU, and TA.
Table 108.
Operating conditions with low voltage detector (LVD)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
VD level = High in option byte
4.0(1)
4.2
4.5
V
VD level = Med. in option byte(2)
3.55(1)
3.75
4.0(1)
VD level = Low in option byte(2)
2.95(1)
3.15
3.35(1)
VIT-(LVD)
Reset generation threshold
(VDD fall)
VD level = High in option byte
3.8
4.0
4.25(1)
VD level = Med. in option byte(2)
3.35(1)
3.55
3.75(1)
VD level = Low in option byte(2)
2.8(1)
3.0
3.15(1)
Vhys(LVD)
LVD voltage threshold
hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time
(2)(3)
LVD enabled
6µs/V
100ms/V
-
tg(VDD)
VDD glitches filtered (not
detected) by LVD(4)
40
ns
1.
Data based on characterization results, tested in production for ROM devices only
2.
Data based on characterization results, not tested in production
3.
When VtPOR is faster than 100µs/V, the Reset signal is released after a delay of maximum 42µs after VDD crosses the
VIT+(LVD) threshold.
4.
If the medium or low thresholds are selected, the detection may occur outside the specified operating voltage range. Below
3.8V, device operation is not guaranteed.
Table 109.
Auxiliary voltage detector (AVD) thresholds
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
0 AVDF flag toggle threshold
(VDD rise)
VD level = High in option byte
4.4(1)
4.6
4.9(1)
V
VD level = Med. in option byte
3.95(1)
4.15
4.4(1)
VD level = Low in option byte
3.4(1)
3.6
3.8(1)
VIT-(AVD)
0
1 AVDF flag toggle threshold
(VDD fall)
VD level = High in option byte
4.2(1)
4.4
4.65(1)
VD level = Med. in option byte
3.75(1)
4.0
4.2(1)
VD level = Low in option byte
3.2(1)
3.4
3.6(1)
Vhys(AVD) AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
200
mV
V
IT-
Voltage drop between AVD flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
1.
Data based on characterization results, tested in production for ROM devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com