Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 199Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 200Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 201Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 202Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 203Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 204Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 205Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 206Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
203/243
19.8
I/O port pin characteristics
19.8.1
General characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Table 126.
I/O port pin general characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(1)
CMOS ports
0.3xVDD
V
VIH
Input high level voltage(1)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis(2)
0.7
IINJ(PIN)
(3)
Injected current on PC6 pin (Flash devices
only)
VDD =5V
0+4
mA
Injected current on an I/O pin
±4
I
INJ(PIN)
(3) Total injected current (sum of all I/O and
control pins)
±25
IL
Input leakage current
VSS < VIN < VDD
±1
µA
IS
Static current consumption
Floating input mode(4)
400
RPU
Weak pull-up equivalent resistor(5)
VIN =VSS VDD = 5V
50
120
250
k
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time(1)
CL = 50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time(1)
25
tw(IT)in
External interrupt pulse time(6)
1tCPU
1.
Data based on characterization results, not tested in production.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3.
When the current limitation is not possible, the VIN maximum must be respected, otherwise refer to IINJ(PIN) specification. A
positive injection is induced by VIN >VDD while a negative injection is induced by VIN <VSS. Refer to Section 19.2.2:
Current characteristics for more details.
4.
Configuration not recommended. All unused pins must be kept at a fixed voltage. This can be done by using the output
mode of the I/O, for example, and leaving the I/O unconnected on the board or by an external pull-up or pull-down resistor
(see Figure 82). Static peak current value taken at a fixed VIN value, based on design simulation and technology
characteristics, not tested in production. This value depends on VDD and temperature values.
5.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics described in
Figure 83).
6.
To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com