Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 230Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 231Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 232Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 233Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 234Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 235Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 236Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 237Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 243 page
background image
Known limitations
ST72321xx-Auto
234/243
Doc ID 13829 Rev 1
22
Known limitations
22.1
All Flash and ROM devices
22.1.1
External RC option
The external RC clock source option described in previous datasheet revisions is no longer
supported and has been removed from this specification.
22.1.2
Safe connection of OSC1/OSC2 pins
The OSC1 and/or OSC2 pins must not be left unconnected, otherwise the ST7 main
oscillator may start and, in this configuration, could generate an fOSC clock frequency in
excess of the allowed maximum (> 16 MHz), putting the ST7 in an unsafe/undefined state.
Refer to Section 6.4: Multi-oscillator (MO) on page 38.
22.1.3
Reset pin protection with LVD enabled
As mentioned in Note 2 below Figure 90: RESET pin protection when LVD is enabled on
page 208, when the LVD is enabled, it is recommended not to connect a pull-up resistor or
capacitor. A 10nF pull-down capacitor is required to filter noise on the reset line.
22.1.4
Unexpected reset fetch
If an interrupt request occurs while a “POP CC” instruction is executed, the interrupt
controller does not recognize the source of the interrupt and, by default, passes the RESET
vector address to the CPU.
Workaround
To solve this issue, a “POP CC” instruction must always be preceded by a “SIM” instruction.
22.1.5
External interrupt missed
To avoid any risk of generating a parasitic interrupt, the edge detector is automatically
disabled for one clock cycle during an access to either DDR and OR. Any input signal edge
during this period will not be detected and will not generate an interrupt.
This case can typically occur if the application refreshes the port configuration registers at
intervals during runtime.
Workaround
The workaround is based on software checking the level on the interrupt pin before and after
writing to the PxOR or PxDDR registers. If there is a level change (depending on the
sensitivity programmed for this pin) the interrupt routine is invoked using the call instruction
with three extra PUSH instructions before executing the interrupt routine (this is to make the
call compatible with the IRET instruction at the end of the interrupt service routine).
But detection of the level change does not make sure that edge occurs during the critical 1
cycle duration and the interrupt has been missed. This may lead to occurrence of same
interrupt twice (one hardware and another with software call).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com