Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321R6-Auto Datasheet(PDF) 241 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 241 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 235Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 236Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 237Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 238Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 239Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 240Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 241Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 242Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 243Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 241 / 243 page
background image
ST72321xx-Auto
Known limitations
Doc ID 13829 Rev 1
241/243
Consequently, the LVD function is not guaranteed in the current silicon revision. For
complete security, an external reset circuit must be added.
22.3.2
LVD startup behavior
When the LVD is enabled, the MCU reaches its authorized operating voltage from a reset
state. However, in some devices, the reset state is released when VDD is approximately
between 0.8V and 1.5V. As a consequence, the I/Os may toggle when VDD is within this
window.
This may be an issue especially for applications where the MCU drives power components.
Figure 108. LVD startup behavior
22.3.3
AVD not supported
On some devices with a specific VDD ramp up speed the AVD may not start. As a result it
cannot generate interrupts when VDD rises and falls.
22.3.4
Internal RC oscillator operation
Internal RC oscillator operation is not supported in ROM devices.
22.3.5
External clock source with PLL
External clock source is not supported with the PLL enabled.
22.3.6
Pull-up not present on PE2
Unlike ST72F321 Flash devices, ST72321 ROM devices have no weak pull-up on port PE2.
In LQFP44 ROM devices, the PE2 pad is not connected to an internal pull-up like other
unbonded pads. It is recommended to configure it as output push-pull to avoid added
current consumption.
22.3.7
Readout protection with LVD
The LVD is not supported if readout protection is enabled.
5V
1.5V
VIT+
0.8V
LVD RESET
V D
D
Window
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com