Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72345C4 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 130Page - STMicroelectronics ST72345C4 Datasheet HTML 131Page - STMicroelectronics ST72345C4 Datasheet HTML 132Page - STMicroelectronics ST72345C4 Datasheet HTML 133Page - STMicroelectronics ST72345C4 Datasheet HTML 134Page - STMicroelectronics ST72345C4 Datasheet HTML 135Page - STMicroelectronics ST72345C4 Datasheet HTML 136Page - STMicroelectronics ST72345C4 Datasheet HTML 137Page - STMicroelectronics ST72345C4 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
134/247
Doc ID 12321 Rev 6
Character transmission
During an SCI transmission, data shifts out least significant bit first on the TDO pin. In
this mode, the SCIDR register consists of a buffer (TDR) between the internal bus and
the transmit shift register (see Figure 64).
Procedure:
–
Select the M bit to define the word length.
–
Select the desired baud rate using the SCIBRR and the SCIETPR registers.
–
Set the TE bit to send an idle frame as first transmission.
–
Access the SCISR register and write the data to send in the SCIDR register (this
sequence clears the TDRE bit). Repeat this sequence for each data to be
transmitted.
Clearing the TDRE bit is always performed by the following software sequence:
a)
An access to the SCISR register
b)
A write to the SCIDR register
The TDRE bit is set by hardware and it indicates:
–
The TDR register is empty.
–
The data transfer is beginning.
–
The next data can be written in the SCIDR register without overwriting the
previous data.
This flag generates an interrupt if the TIE bit is set and the I bit is cleared in the CCR
register.
When a transmission is taking place, a write instruction to the SCIDR register stores
the data in the TDR register and which is copied in the shift register at the end of the
current transmission.
When no transmission is taking place, a write instruction to the SCIDR register places
the data directly in the shift register; the data transmission starts, and the TDRE bit is
immediately set.
When a frame transmission is complete (after the stop bit or after the break frame) the
TC bit is set and an interrupt is generated if the TCIE is set and the I bit is cleared in the
CCR register.
Clearing the TC bit is performed by the following software sequence:
a)
An access to the SCISR register
b)
A write to the SCIDR register
Note:
The TDRE and TC bits are cleared by the same software sequence.
Break characters
Setting the SBK bit loads the shift register with a break character. The break frame
length depends on the M bit (see Figure 64).
As long as the SBK bit is set, the SCI send break frames to the TDO pin. After clearing
this bit by software the SCI insert a logic 1 bit at the end of the last break frame to
guarantee the recognition of the start bit of the next frame.
Idle characters
Setting the TE bit drives the SCI to send an idle frame before the first data frame.
Clearing and then setting the TE bit during a transmission sends an idle frame after the
current word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com