Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72345C4 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 137Page - STMicroelectronics ST72345C4 Datasheet HTML 138Page - STMicroelectronics ST72345C4 Datasheet HTML 139Page - STMicroelectronics ST72345C4 Datasheet HTML 140Page - STMicroelectronics ST72345C4 Datasheet HTML 141Page - STMicroelectronics ST72345C4 Datasheet HTML 142Page - STMicroelectronics ST72345C4 Datasheet HTML 143Page - STMicroelectronics ST72345C4 Datasheet HTML 144Page - STMicroelectronics ST72345C4 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
141/247
after the falling edge occurs, during the sampling of the 16 samples, if one of the
samples numbered 3, 5 or 7 is detected as a “1”.
–
During sampling of the 16 samples, if one of the samples numbered 8, 9 or 10 is
detected as a “1”.
●
Therefore, a valid Start bit must satisfy both the above conditions to prevent the Noise
Flag getting set.
●
Data bits: the noise flag (NF) is set during normal data bit reception if the following
condition occurs:
–
During the sampling of 16 samples, if all three samples numbered 8, 9 and 10 are
not the same. The majority of the 8th, 9th and 10th samples is considered as the
bit value.
Therefore, a valid Data bit must have samples 8, 9 and 10 at the same value to prevent the
Noise Flag getting set.
Figure 66.
Bit sampling in reception mode
11.5.5
Low-power modes
RDI LINE
Sample
clock
12345678910
11 12
13
14
15
16
sampled values
One bit time
6/16
7/16
7/16
Table 57.
Mode description
Mode
Description
Wait
No effect on SCI.
SCI interrupts cause the device to exit from Wait mode.
Halt
SCI registers are frozen.
In Halt mode, the SCI stops transmitting/receiving until Halt mode is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com