Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361K9-Auto Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 121Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 122Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 123Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 124Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 125Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 126Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 127Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 128Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 279 page
background image
ST72361xx-Auto
8-bit timer (TIM8)
Doc ID 12468 Rev 3
125/279
Writing in the CTR register or ACTR register resets the free running counter to the FCh
value.
Both counters have a reset value of FCh (this is the only value which is reloaded in the 8-bit
timer). The reset value of both counters is also FCh in One Pulse mode and PWM mode.
The timer clock depends on the clock control bits of the CR2 register, as shown in Table 55.
The value in the counter register repeats every 512, 1024, 2048 or 20480000 fCPU clock
cycles depending on the CC[1:0] bits.
The timer frequency can be fCPU/2, fCPU/4, fCPU/8 or fOSC2 /8000.
For example, if fOSC2/8000 is selected, and fOSC2 = 8 MHz, the timer frequency will be 1 ms.
Refer to Table 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com