Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361AR6-Auto Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 159Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 160Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 161Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 162Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 163Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 164Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 165Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 166Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
163/279
with:
PR = 1, 3, 4 or 13 (see SCP[1:0] bits)
TR = 1, 2, 4, 8, 16, 32, 64,128
(see SCT[2:0] bits)
RR = 1, 2, 4, 8, 16, 32, 64,128
(see SCR[2:0] bits)
All these bits are in the SCIBRR register.
Example 1: If fCPU is 8 MHz (normal mode) and if PR = 13 and TR = RR = 1, the transmit
and receive baud rates are 38400 baud.
Note:
The baud rate registers MUST NOT be changed while the transmitter or the receiver is
enabled.
15.5.6
Extended baud rate generation
The extended prescaler option gives a very fine tuning on the baud rate, using a 255 value
prescaler, whereas the conventional baud rate generator retains industry standard software
compatibility.
The extended baud rate generator block diagram is described in Figure 79.
The output clock rate sent to the transmitter or to the receiver will be the output from the 16
divider divided by a factor ranging from 1 to 255 set in the SCIERPR or the SCIETPR
register.
Note:
The extended prescaler is activated by setting the SCIETPR or SCIERPR register to a value
other than zero. The baud rates are calculated as follows:
with:
ETPR = 1...255 (see SCIETPR register)
ERPR = 1...255 (see SCIERPR register)
Tx =
16*ETPR*(PR*TR)
fCPU
Rx =
16*ERPR*(PR*RR)
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com