Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361AR6-Auto Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 164Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 165Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 166Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 167Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 168Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 169Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 170Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 171Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
168/279
Doc ID 12468 Rev 3
The OR bit is set by hardware when the word currently being received in the shift register is
ready to be transferred into the RDR register whereas RDRF is still set. An interrupt is
generated if RIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access
to the SCISR register followed by a read to the SCIDR register).
0: no overrun error
1: overrun error detected
Note:
When this bit is set, RDR register contents will not be lost but the shift register will be
overwritten.
Bit 2 = NF Character Noise flag
This bit is set by hardware when noise is detected on a received character. It is cleared by a
software sequence (an access to the SCISR register followed by a read to the SCIDR
register).
0: no noise
1: noise is detected
Note:
This bit does not generate interrupt as it appears at the same time as the RDRF bit which
itself generates an interrupt.
Bit 1 = FE Framing error.
This bit is set by hardware when a desynchronization, excessive noise or a break character
is detected. It is cleared by a software sequence (an access to the SCISR register followed
by a read to the SCIDR register).
0: no Framing error
1: framing error or break character detected
Note:
This bit does not generate an interrupt as it appears at the same time as the RDRF bit which
itself generates an interrupt. If the word currently being transferred causes both a frame
error and an overrun error, it will be transferred and only the OR bit will be set.
Bit 0 = PE Parity error.
This bit is set by hardware when a byte parity error occurs (if the PCE bit is set) in receiver
mode. It is cleared by a software sequence (a read to the status register followed by an
access to the SCIDR data register). An interrupt is generated if PIE = 1 in the SCICR1
register.
0: no parity error
1: parity error detected
15.8.2
Control register 1 (SCICR1)
Read/ write
Reset value: x000 0000 (x0h)
Bit 7 = R8 Receive data bit 8.
This bit is used to store the 9th bit of the received word when M = 1.
Bit 6 = T8 Transmit data bit 8.
This bit is used to store the 9th bit of the transmitted word when M = 1.
7
0
R8
T8
SCID
M
WAKE
PCE(1)
1.
This bit has a different function in LIN mode, please refer to the LIN mode register description.
PS
PIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com