Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361AR6-Auto Datasheet(PDF) 277 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 277 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 271Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 272Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 273Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 274Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 275Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 276Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 277Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 278Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 279Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 277 / 279 page
background image
ST72361xx-Auto
Revision history
Doc ID 12468 Rev 3
277/279
Table 120.
Document revision history
Date
Revision
Changes
19-Sep-2006
1
Initial release of ST72361-Auto datasheet (derived from ST72361 datasheet, initially
released as Rev. 1 on 4 October 2005); changes from source ST72361 datasheet:
Replaced TQFP with LQFP packages throughout document
Added “FOR AUTOMOTIVE” to device description on page 1
Changed data retention time from 40 years at 85°C to 20 years at 55°C in
“Memories” on page 1
Changed “Device Summary” on page 1 and related footnote
Replaced “ST72361” with “ST72361-Auto” and replaced “for mid-range applications”
with “for automtove mid-range applications” in Section 1 on page 5
Changed first sentence of Section 4.4 on page 16
Added Section 6.1 on page 21
Removed unlabeled ninth arrow under arrow PA7 in Figure 21 on page 35
Changed note 3 in Section 9.2.1 on page 46
Changed title of Section 9.6 on page 50 from “I/O Port Implementation” to “I/O Port
Register Configurations”
Changed Section 10.6.3.3 on page 114
Changed name of bit 5 in SPICSR register from OR to OVR in Table 21 on page 121
Changed TA conditions in Section 12.3.1 on page 182
Changed link to figure in second paragraph of Section 12.5.4 on page 188
Changed data retention conditions and minimum value in Section 12.7.2 on page
190
Changed write erase cycles conditions in Section 12.7.2 on page 190
Added links to Table 32 and Table 33 in Section 12.8.3 on page 192
Removed EMC protection circuitry in Figure 113 on page 199 (device works
correctly without these components)
Changed Section 12.12.1 on page 202
Replaced “CPHA = 0” with “CPHA = 1” in Figure 117 on page 203
Repositioned tv(MO) and th(MO) in Figure 118 on page 203
Added arrows for (1) and (2) in Figure 123 on page 207
Replaced “Thin Quad” with “Low Profile Quad” in package drawing titles in Section
13.1
Changed notes 1 and 2 in Section 13.2 on page 209
Added Section 14.1 "INTRODUCTION" on page 210
Changed AFI mapping for “OPTION BYTE 1” on page 211
Changed Table 34, “Flash User Programmable Device Types,” on page 212
Removed section “Version-Specific Sales Conditions” from Section 14.3
"TRANSFER OF CUSTOMER CODE"
Transferred “Development Tools” from section 14.3 to Section 15 on page 216
Changed Figure 127.ROM Commercial Product Code Structure
Added Table 35, “ROM Factory Coded Device Types,” on page 213
Added Figure 128.FASTROM Commercial Product Code Structure
Changed Table 36, “FASTROM Factory Coded Device Types,” on page 214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com