Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151G4 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM8L151G4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151G4 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM8L151G4 Datasheet HTML 100Page - STMicroelectronics STM8L151G4 Datasheet HTML 101Page - STMicroelectronics STM8L151G4 Datasheet HTML 102Page - STMicroelectronics STM8L151G4 Datasheet HTML 103Page - STMicroelectronics STM8L151G4 Datasheet HTML 104Page - STMicroelectronics STM8L151G4 Datasheet HTML 105Page - STMicroelectronics STM8L151G4 Datasheet HTML 106Page - STMicroelectronics STM8L151G4 Datasheet HTML 107Page - STMicroelectronics STM8L151G4 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 142 page
background image
Electrical parameters
STM8L151x4/6, STM8L152x4/6
104/142
DocID15962 Rev 15
9.3.11
Temperature sensor
In the following table, data is based on characterization results, not tested in production,
unless otherwise specified.
9.3.12
Comparator characteristics
In the following table, data is guaranteed by design, not tested in production, unless
otherwise specified.
Table 47. TS characteristics
Symbol
Parameter
Min
Typ
Max.
Unit
V90(1)
1. Tested in production at VDD = 3 V ±10 mV. The 8 LSB of the V90 ADC conversion result are stored in the
TS_Factory_CONV_V90 byte.
Sensor reference voltage at 90°C ±5 °C,
0.580
0.597
0.614
V
TL
VSENSOR linearity with temperature
-
±1
±2
°C
Avg_slope (2) Average slope
1.59
1.62
1.65
mV/°C
IDD(TEMP)(2) Consumption
-
3.4
6
µA
TSTART(2)(3)
2. Data guaranteed by design.
3. Defined for ADC output reaching its final value ±1/2LSB.
Temperature sensor startup time
-
-
10
µs
TS_TEMP(2)
ADC sampling time when reading the
temperature sensor
10
-
-
µs
Table 48. Comparator 1 characteristics
Symbol
Parameter
Min
Typ
Max(1)
1. Based on characterization.
Unit
VDDA
Analog supply voltage
1.65
-
3.6
V
TA
Temperature range
-40
-
125
°C
R400K
R400K value
300
400
500
k
Ω
R10K
R10K value
7.5
10
12.5
VIN
Comparator 1 input voltage range
0.6
-
VDDA
V
VREFINT
Internal reference voltage(2)
2. Tested in production at VDD = 3 V ±10 mV.
1.202
1.224
1.242
tSTART
Comparator startup time
-
7
10
µs
td
Propagation delay(3)
3. The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
-3
10
Voffset
Comparator offset error
-
±3
±10
mV
ICOMP1
Current consumption(4)
4. Comparator consumption only. Internal reference voltage not included.
-
160
260
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com