Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151F3 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM8L151F3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM8L151F3 Datasheet HTML 114Page - STMicroelectronics STM8L151F3 Datasheet HTML 115Page - STMicroelectronics STM8L151F3 Datasheet HTML 116Page - STMicroelectronics STM8L151F3 Datasheet HTML 117Page - STMicroelectronics STM8L151F3 Datasheet HTML 118Page - STMicroelectronics STM8L151F3 Datasheet HTML 119Page - STMicroelectronics STM8L151F3 Datasheet HTML 120Page - STMicroelectronics STM8L151F3 Datasheet HTML 121Page - STMicroelectronics STM8L151F3 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
Revision history
STM8L151x2, STM8L151x3
120/122
DocID018780 Rev 9
12
Revision history
Table 64. Document revision history
Date
Revision
Changes
08-Jun-2011
1
Initial release
02-Sep-2011
2
Modified Figure: Memory map.
Modified OPT1 description in Table: Option byte
addresses.
Modified tprog in Table: Flash program and data
EEPROM memory.
Modified Figure: Recommended NRST pin
configuration.
Modified L2 in Figure: UFQFPN20 - 20-lead, 3x3 mm,
0.5 mm pitch, ultra thin fine pitch quad flat package
outline.
Replaced PM0051 with PM0054 and UM0320 with
UM0470.
09-Feb-2012
3
Added part number STM8L151C2.
Updated the captions of Figure 3 and Figure 4.
Table: Low-density STM8L151x2/3 pin description:
updated OD column of NRST/PA1 pin.
Figure: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra
thin fine pitch quad flat package outline: removed the
line over A1.
Figure Recommended UFQFPN28 footprint
(dimensions in mm): updated title.
Table: TSSOP20 - 20-pin thin shrink small outline
package mechanical data: updated title.
06-Jul-2012
4
Added “I/O level” in Table: Legend/abbreviation for
table 4 and Table: Low-density STM8L151x2/3 pin
description.
Updated Figure: UFQFPN20 - 20-lead ultra thin fine
pitch quad flat package outline (3x3).
Updated Figure: SPI1 timing diagram - master mode.
Updated Table: Voltage characteristics and Table: I/O
static characteristics.
11-Apr-2014
5
Updated Table: UFQFPN20 - 20-lead ultra thin fine pitch
quad flat package (3x3) package mechanical data,
added notes on Table: TSSOP20 - 20-pin thin shrink
small outline package mechanical data.
Changed reset value of SYSCFG_RMPCR1 register on
Table: General hardware register map.
Updated Table: Low-density STM8L151x2/3 pin
description and Table: Embedded reset and power
control block characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com