Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72561AR7-Auto Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST72561AR7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR7-Auto Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST72561AR7-Auto Datasheet HTML 226Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 227Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 228Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 229Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 230Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 231Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 232Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 233Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
230/324
Doc ID 12370 Rev 8
If ABOM is set, the beCAN will start the recovering sequence automatically after it has
entered bus-off state.
If ABOM is cleared, the software must initiate the recovering sequence by requesting
beCAN to enter initialization mode. Then beCAN starts monitoring the recovery sequence
when the beCAN is requested to leave the initialization mode.
Note:
In initialization mode, beCAN does not monitor the CANRX signal, therefore it cannot
complete the recovery sequence. To recover, beCAN must be in normal mode.
17.4.6
Bit timing
The bit timing logic monitors the serial bus-line and performs sampling and adjustment of
the sample point by synchronizing on the start-bit edge and resynchronizing on the following
edges.
Its operation may be explained simply by splitting nominal bit time into three segments as
follows:
●
Synchronization segment (SYNC_SEG):
a bit change is expected to occur within this time segment. It has a fixed length of one
time quantum (1 x tCAN).
●
Bit segment 1 (BS1):
defines the location of the sample point. It includes the PROP_SEG and
PHASE_SEG1 of the CAN standard. Its duration is programmable between 1 and 16
time quanta but may be automatically lengthened to compensate for positive phase
drifts due to differences in the frequency of the various nodes of the network.
●
Bit segment 2 (BS2):
defines the location of the transmit point. It represents the PHASE_SEG2 of the CAN
standard. Its duration is programmable between 1 and 8 time quanta but may also be
automatically shortened to compensate for negative phase drifts.
●
Resynchronization Jump Width (RJW):
defines an upper bound to the amount of lengthening or shortening of the bit segments.
It is programmable between 1 and 4 time quanta.
To guarantee the correct behavior of the CAN controller, SYNC_SEG + BS1 + BS2 must be
greater than or equal to 5 time quanta.
For a detailed description of the CAN resynchronization mechanism and other bit timing
configuration constraints, please refer to the Bosch CAN standard 2.0.
As a safeguard against programming errors, the configuration of the Bit Timing Registers
CBTR1 and CBTR0 is only possible while the device is in Initialization mode.
Figure 105. Bit timing
SYNC_SEG
BIT SEGMENT 1 (BS1)
BIT SEGMENT 2 (BS2)
NOMINAL BIT TIME
1 x tCAN
tBS1
tBS2
SAMPLE POINT
TRANSMIT POINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com