Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72561AR7-Auto Datasheet(PDF) 251 Page - STMicroelectronics

Part # ST72561AR7-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR7-Auto Datasheet(HTML) 251 Page - STMicroelectronics

Back Button ST72561AR7-Auto Datasheet HTML 247Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 248Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 249Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 250Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 251Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 252Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 253Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 254Page - STMicroelectronics ST72561AR7-Auto Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
251/324
Bits 7:0 = DATA[7:0] Data
A data byte of the message. A message can contain from 0 to 8 data bytes.
17.8.4
CAN filter registers
CAN filter configuration register 0 (CFCR0)
Read / write
Reset value: 0000 0000 (00h)
Note:
All bits of this register are set and cleared by software.
To modify the FFAx and FSCx bits, the beCAN must be in INIT mode.
Bit 7 = reserved. Forced to 0 by hardware.
Bits 6:5 = FSC1[1:0] Filter Scale Configuration
These bits define the scale configuration of filter 1.
Bit 4 = FACT1 Filter Active
The software sets this bit to activate filter 1. To modify the filter 1 registers (CF1R[7:0]), the
FACT1 bit must be cleared.
0: filter 1 is not active
1: filter 1 is active
Bit 3 = reserved. Forced to 0 by hardware.
Bits 2:1 = FSC0[1:0] Filter Scale Configuration
These bits define the scale configuration of filter 0.
Bit 0 = FACT0 Filter Active
The software sets this bit to activate filter 0. To modify the filter 0 registers (CF0R[0:7]), the
FACT0 bit must be cleared.
0: filter 0 is not active
1: filter 0 is active
CAN filter configuration register 1 (CFCR1)
Read/ write
Reset value: 0000 0000 (00h)
Note: All bits of this register are set and cleared by software.
Bit 7 = reserved. Forced to 0 by hardware.
Bits 6:5 = FSC3[1:0] Filter Scale Configuration
These bits define the scale configuration of filter 3.
7
0
0
FSC11
FSC10
FACT1
0
FSC01
FSC00
FACT0
7
0
0
FSC31
FSC30
FACT3
0
FSC21
FSC20
FACT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com