Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F042F4 Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F042F4
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042F4 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F042F4 Datasheet HTML 109Page - STMicroelectronics STM32F042F4 Datasheet HTML 110Page - STMicroelectronics STM32F042F4 Datasheet HTML 111Page - STMicroelectronics STM32F042F4 Datasheet HTML 112Page - STMicroelectronics STM32F042F4 Datasheet HTML 113Page - STMicroelectronics STM32F042F4 Datasheet HTML 114Page - STMicroelectronics STM32F042F4 Datasheet HTML 115Page - STMicroelectronics STM32F042F4 Datasheet HTML 116Page - STMicroelectronics STM32F042F4 Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
DocID025832 Rev 5
113/117
STM32F042x4 STM32F042x6
Ordering information
113
8
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 75. Ordering information scheme
Example
:
STM32 F
042
C
6
T
6
xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
042 = STM32F042xx
Pin count
F = 20 pins
G = 28 pins
K = 32 pins
T = 36 pins
C = 48 pins
User code memory size
4 = 16 Kbyte
6 = 32 Kbyte
Package
P = TSSOP
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = –40 to 85 °C
7 = –40 to 105 °C
Options
xxx = code ID of programmed parts (includes packing type)
TR = tape and reel packing
blank = tray packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com