Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F732ICI6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F732ICI6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICI6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F732ICI6 Datasheet HTML 99Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 100Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 101Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 102Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 103Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 104Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 105Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 106Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
DocID028480 Rev 1
103/122
STM32F732xx STM32F733xx
Package information
118
Figure 26. LQFP64 – 10 x 10 mm, low-profile quad flat package recommended
footprint
1. Dimensions are in millimeters.
A2
1.350
1.40
1.45
0.0531
0.0551
0.0571
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
-
0.20
0.0035
0.0079
D
-
12.00
-
-
0.4724
-
D1
-
10.00
-
-
0.3937
-
D3
-
7.50
-
-
0.2953
-
E
-
12.00
-
-
0.4724
-
E1
-
10.00
-
-
0.3937
-
E3
-
7.50
-
-
0.2953
-
e
-
0.50
-
-
0.0197
-
K
0°3.5°
7°
0°3.5°7°
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
-
1.00
-
-
0.0394
-
ccc
-
-
0.08
-
-
0.0031
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 14. LQFP64 – 10 x 10 mm, low-profile quad flat package mechanical data
(continued)
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com