Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F779IIT7 Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32F779IIT7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIT7 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32F779IIT7 Datasheet HTML 152Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 153Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 154Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 155Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 156Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 157Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 158Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 159Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
156/255
DocID028294 Rev 4
5.3.16
Memory characteristics
Flash memory
The characteristics are given at TA = –40 to 105 °C unless otherwise specified.
The devices are shipped to customers with the Flash memory erased.
Table 55. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Write / Erase 8-bit mode, VDD = 1.7 V
-
14
-
mA
Write / Erase 16-bit mode, VDD = 2.1 V
-
17
-
Write / Erase 32-bit mode, VDD = 3.3 V
-
24
-
Table 56. Flash memory programming (single bank configuration
nDBANK=1)
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1) Unit
tprog
Word programming time
Program/erase parallelism
(PSIZE) = x 8/16/32
-
16
100(2)
μs
tERASE32KB Sector (32 KB) erase time
Program/erase
parallelism (PSIZE) = x 8
-
400
800
ms
Program/erase
parallelism (PSIZE) = x 16
-
250
600
Program/erase
parallelism (PSIZE) = x 32
-
200
500
tERASE128KB Sector (128 KB) erase time
Program/erase
parallelism (PSIZE) = x 8
-
1100
2400
ms
Program/erase
parallelism (PSIZE) = x 16
-
800
1400
Program/erase
parallelism (PSIZE) = x 32
-
500
1100
tERASE256KB Sector (256 KB) erase time
Program/erase
parallelism (PSIZE) = x 8
-
2.1
4
s
Program/erase
parallelism (PSIZE) = x 16
-
1.5
2.6
Program/erase
parallelism (PSIZE) = x 32
-1
2
tME
Mass erase time
Program/erase
parallelism (PSIZE) = x 8
-16
32
s
Program/erase
parallelism (PSIZE) = x 16
-11
22
Program/erase
parallelism (PSIZE) = x 32
-8
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com