Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5013-EVB Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI5013-EVB
Description  Differential I/Os ac coupled
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5013-EVB Datasheet(HTML) 4 Page - Silicon Laboratories

  SI5013-EVB Datasheet HTML 1Page - Silicon Laboratories SI5013-EVB Datasheet HTML 2Page - Silicon Laboratories SI5013-EVB Datasheet HTML 3Page - Silicon Laboratories SI5013-EVB Datasheet HTML 4Page - Silicon Laboratories SI5013-EVB Datasheet HTML 5Page - Silicon Laboratories SI5013-EVB Datasheet HTML 6Page - Silicon Laboratories SI5013-EVB Datasheet HTML 7Page - Silicon Laboratories SI5013-EVB Datasheet HTML 8Page - Silicon Laboratories SI5013-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Si5013-EVB
4
Rev. 1.0
RMS and peak-to-peak jitter on the CDR CLKOUT.
Thus, any jitter measured is jitter generated by the
CDR.
Jitter Transfer: Referring to Figure 3, this test requires a
pattern generator, a clock source (synthesizer signal
source), a modulation source, a jitter analyzer, and a
pulse generator (all unconnected high-speed outputs
must be terminated to 50
). During this test, the Jitter
Analyzer modulates the data pattern and data clock
reference. The modulated data clock reference is
compared with the CLKOUT of the CDR. Jitter on
CLKOUT relative to the jitter on the data clock reference
is plotted versus modulation frequency at predefined
jitter amplitudes.
Figure 3. Test Configuration for Jitter Tolerance, Transfer, and Generation
Jitter
Analyzer
Pattern
Analyzer
Pulse
Generator
Pattern
Generator
Modulation
Source
Synthesizer
Signal Source
3.3 V
REFCLK
(optional)
DATAIN
CLKOUT
DATAOUT
Scope
Si5013-EVB
REFCLK+
DATAIN+
DATAOUT+
CLKOUT+
GPIB
DATAOUT–
Clock
Data Clock+
FM
GPIB
GPIB
CLKOUT–
REFCLK–
DATAIN–
GPIB
+
+
+
+
+


Similar Part No. - SI5013-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5013-X-GM ETC1-SI5013-X-GM Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-X-GM SILABS-SI5013-X-GM Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5013-EVB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A16601 ALLEGRO-A16601 Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421 ALLEGRO-A1421_16 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A17201 ALLEGRO-A17201 Datasheet
705Kb / 12P
   Two-Wire AC-Coupled Differential Sensor IC with Integrated Filter Capacitor
logo
ADL Embedded Solutions
USB-DIO-16H ADL-USB-DIO-16H Datasheet
217Kb / 4P
   16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421_05 Datasheet
1Mb / 16P
   High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
Texas Instruments
LM1881 TI-LM1881 Datasheet
1Mb / 18P
[Old version datasheet]   AC Coupled Composite input Signal
FPC202 TI1-FPC202 Datasheet
711Kb / 10P
[Old version datasheet]   Dual Port Controller With Expanded I/Os
logo
List of Unclassifed Man...
SFH620-1 ETC1-SFH620-1 Datasheet
57Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com