| Electronic Components Datasheet Search |
|
HCS12 Datasheet(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Datasheet(HTML) 5 Page - Motorola, Inc |
|
5 / 2 page ![]() Block Guide — S12BDM V4 5 Section 1 Introduction to Background Debug Module V4 (BDMV4) This section describes the functionality of the Background Debug Module (BDM) sub-block of the HCS12 Core Platform. A block diagram of the BDM is shown in Figure 1-1. Figure 1-1 BDM Block Diagram 1.1 Overview The Background Debug Module (BDM) sub-block is a single-wire, background debug system implemented in on-chip hardware for minimal CPU intervention. All interfacing with the BDM is done via the BKGD pin. BDMV4 has enhanced capability for maintaining synchronization between the target and host while allowing more flexibility in clock rates. This includes a sync signal to show the clock rate and a handshake signal to indicate when an operation is complete. The system is backwards compatible with older external interfaces. 1.2 Features • Single-wire communication with host development system • BDMV4 (and BDM2): Enhanced capability for allowing more flexibility in clock rates • BDMV4: SYNC command to determine communication rate • BDMV4: GO_UNTIL command • BDMV4: Hardware handshake protocol to increase the performance of the serial communication • Active out of reset in special single-chip mode ENBDM SDV 16-BIT SHIFT REGISTER BKGD CLOCKS DATA ADDRESS HOST SYSTEM BUS INTERFACE AND CONTROL LOGIC INSTRUCTION DECODE AND EXECUTION STANDARD BDM FIRMWARE LOOKUP TABLE CLKSW BDMACT ENTAG TRACE |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |