Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4385E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4385E
Description  Low-Cost, 230MHz, Single/Quad Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4385E Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4385E_02 Datasheet HTML 3Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 4Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 5Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 6Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 7Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 8Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 9Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 10Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Low-Cost, 230MHz, Single/Quad Op Amps with
Rail-to-Rail Outputs and ±15kV ESD Protection
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, VCM = 1.5V, AVCL = 1V/V, RL = 100
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX4385E
MAX4386E
SOT23
SO/TSSOP
NAME
FUNCTION
1
OUT
Amplifier Output
211
VEE
Negative Power Supply
3
IN+
Noninverting Input
4
IN-
Inverting Input
54
VCC
Positive Power Supply. Connect a 2.2µF and 0.1µF capacitor to GND.
1
OUTA
Amplifier A Output
2
INA-
Amplifier A Inverting Input
3
INA+
Amplifier A Noninverting Input
5
INB+
Amplifier B Noninverting Input
6
INB-
Amplifier B Inverting Input
7
OUTB
Amplifier B Output
8
OUTC
Amplifier C Output
9
INC-
Amplifier C Inverting Input
10
INC+
Amplifier C Noninverting Input
12
IND+
Amplifier D Noninverting Input
13
IND-
Amplifier D Inverting Input
14
OUTD
Amplifier D Output
-10.0
-8.0
-8.5
-9.0
-9.5
-7 0
-6.5
-7.5
-6.0
-5 5
-5.0
-50
0
25
-25
50
75
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
4.0
5.5
5.0
4.5
6.0
6.5
7.0
7.5
8.0
-50
0
-25
255075
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
-0 5
1 0
0 5
0
1 5
2 0
2 5
3 0
3 5
4 0
4 5
-50
0
-25
255075
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V


Similar Part No. - MAX4385E_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385EEUK-T MAXIM-MAX4385EEUK-T Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
More results

Similar Description - MAX4385E_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com