| Electronic Components Datasheet Search |
|
P2202ACMC Datasheet(PDF) 134 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P2202ACMC Datasheet(HTML) 134 Page - Teccor Electronics |
|
134 / 212 page ![]() ITU-T K.20 and K.21 http://www.teccor.com 4 - 10 © 2002 Teccor Electronics +1 972-580-7777 SIDACtor® Data Book and Design Guide ITU-T K.20 and K.21 Although the International Telecommunication Union (ITU) does not have the authority to legislate that organizations follow their recommendations, their standards are recognized throughout Europe and the Far East. ITU-T, the Telecommunication Standardization Sector of the ITU, developed fundamental testing methods that cover various environmental conditions to help predict the survivability of network and customer-based switching equipment. The testing methods cover the following conditions: • Surges due to lightning strikes on or near twisted pair and plant equipment (excluding a direct strike) • Short-term induction of AC voltage from adjacent power lines or railway systems • Direct contact between telecommunication lines and power lines (often referred to as AC power cross) Two ITU-T standards apply for most telecommunications equipment connected to the network: • ITU-T K.20 • ITU-T K.21 ITU-T K.20 is primarily for switching equipment powered by the central office; however, for complex subscriber equipment, test administrators may choose either K.20 or K.21, depending on which is deemed most appropriate. Note: Both standards are intended to address equipment reliability versus equipment safety. For specific concerns regarding equipment safety, research and follow national standards for each country in which the equipment is intended for use. K.21 covers telecommunication equipment installed in customer premises. Equipment submitted under these requirements must meet one of two levels: basic or enhanced. Guidelines for determining under which level the equipment under test (EUT) falls can be found in ITU-T K.11, but note that the final authority rests with the test administrator. ITU-T K.44 describes the test conditions used in K.20 and K.21. ITU-T defines the following acceptance criteria: • Criterion A states that equipment shall withstand the test without damage and shall operate properly after the test. It is not required to operate correctly during the test. • Criterion B states that a fire hazard shall not occur as a result of the tests. Any damage shall be confined to a small part of the equipment. Table 4.10 shows the lightning surge test conditions for ITU K.20. Figure 4.3 shows the connection schematic for the lightning surge tests. Table 4.11 shows the power cross test conditions for ITU K.20. Figure 4.4 shows the connection schematic for the power cross tests. Table 4.12 and Table 4.13 show the same test conditions respectively for ITU K.21. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |