| Electronic Components Datasheet Search |
|
P2202ACMC Datasheet(PDF) 172 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P2202ACMC Datasheet(HTML) 172 Page - Teccor Electronics |
|
172 / 212 page ![]() Overvoltage Protection Comparison http://www.teccor.com 5 - 10 © 2002 Teccor Electronics +1 972-580-7777 SIDACtor® Data Book and Design Guide Overvoltage Protection Comparison The four most commonly used technologies for overvoltage protection are: • SIDACtor devices • Gas Discharge Tubes (GDTs) • Metal Oxide Varistors (MOVs) • TVS diodes All four technologies are connected in parallel with the circuit being protected, and all exhibit a high off-state impedance when biased with a voltage less than their respective blocking voltages. SIDACtor devices A SIDACtor device is a PNPN device that can be thought of as a TVS diode with a gate. Upon exceeding its peak off-state voltage (VDRM), a SIDACtor device will clamp a transient voltage to within the device’s switching voltage (VS) rating. Then, once the current flowing through the SIDACtor device exceeds its switching current, the device will crowbar and simulate a short-circuit condition. When the current flowing through the SIDACtor device is less than the device’s holding current (IH), the SIDACtor device will reset and return to its high off-state impedance. Advantages Advantages of the SIDACtor device include its fast response time (Figure 5.3), stable electrical characteristics, long term reliability, and low capacitance. Also, because the SIDACtor device is a crowbar device, it cannot be damaged by voltage and it has extremely high surge current ratings. Restrictions Because the SIDACtor device is a crowbar device, it cannot be used directly across the AC line; it must be placed behind a load. Failing to do so will result in exceeding the SIDACtor device’s surge current rating, which may cause the device to enter a permanent short-circuit condition. Applications Although found in other applications, SIDACtor devices are primarily used as the principle overvoltage protector in telecommunications and data communications circuits. For applications outside this realm, follow the design criteria in "SIDACtor Device Selection Criteria" on page 5-5. Gas Discharge Tubes Gas tubes are either glass or ceramic packages filled with an inert gas and capped on each end with an electrode. When a transient voltage exceeds the DC breakdown rating of the device, the voltage differential causes the electrodes of the gas tube to fire, resulting in an arc, which in turn ionizes the gas within the tube and provides a low impedance path for the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |