Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2202ACMC Datasheet(PDF) 195 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 195 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 191Page - Teccor Electronics P2202ACMC Datasheet HTML 192Page - Teccor Electronics P2202ACMC Datasheet HTML 193Page - Teccor Electronics P2202ACMC Datasheet HTML 194Page - Teccor Electronics P2202ACMC Datasheet HTML 195Page - Teccor Electronics P2202ACMC Datasheet HTML 196Page - Teccor Electronics P2202ACMC Datasheet HTML 197Page - Teccor Electronics P2202ACMC Datasheet HTML 198Page - Teccor Electronics P2202ACMC Datasheet HTML 199Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 212 page
background image
Package Dimensions
© 2002 Teccor Electronics
6 - 5
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
TO-92
The TO-92 is designed to meet mechanical standards as set forth in JEDEC publication
number 95.
Notes:
• Type 70 lead form as shown is standard for the E package.
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
• Mold flash shall not exceed 0.13 mm per side.
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
F
0.046
0.054
1.16
1.37
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.060
1.52
A
B
TEMPERATURE
MEASUREMENT POINT
MT2/PIN 3
MT1/PIN 1
E
H
G
F
D
K
J
L
M
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com