| Electronic Components Datasheet Search |
|
P3602ACMC Datasheet(PDF) 106 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P3602ACMC Datasheet(HTML) 106 Page - Teccor Electronics |
|
106 / 212 page ![]() Analog Line Cards http://www.teccor.com 3 - 18 © 2002 Teccor Electronics +1 972-580-7777 SIDACtor® Data Book and Design Guide Off-Hook (SLIC) Protection Off-hook protection is accomplished by choosing a SIDACtor device that meets the following criteria to ensure proper coordination between the supply voltage (VREF) and the maximum voltage rating of the SLIC to be protected. VDRM > VREF VS £ VSLIC Breakdown This criterion can be accomplished in a variety of different ways. For applications using an external ring generator and a fixed battery voltage, two P0641S_ SIDACtor devices (P0721S_, P0901S_, or P1101S_ depending on the value of VREF) are used — one Tip to Ground, one Ring to Ground. For applications using a ring-generating SLIC such as AMD’s Am79R79, the B1XX0C_ or B1XX1U_ can be used. IPP Selection The IPP of the SIDACtor device must be greater than or equal to the maximum available surge current (IPK(available)) of the applicable regulatory requirements. Calculate the maximum available surge current by dividing the peak surge voltage supplied by the voltage generator (VPK) by the total circuit resistance (RTOTAL). The total circuit resistance is determined by adding the source resistance (RS) of the surge generator to the series resistance in front of the SIDACtor device on Tip and Ring (RTIP and RRING). IPP ³ IPK(available) IPK(available) = VPK / RTOTAL For metallic surges: RTOTAL = RS + RTIP + RRING For longitudinal surges: RTOTAL = RS + RTIP RTOTAL = RS + RRING Reference Diagrams Figure 3.21 shows the use of Teccor’s “SC” rated SIDACtor devices and the F1250T TeleLink fuse to meet the surge immunity requirements of GR 1089. Teccor’s P1200SC and P2000SC, specifically designed to protect Agere Systems (formerly Lucent Microelectronics) Line Card Access Switch (LCAS), provide on-hook protection. Two P0641SCs provide off-hook protection. Any additional series resistance is absent because the “C” series SIDACtor device and F1250T TeleLink fuse are designed to withstand GR 1089 surges without the aid of additional components such as line feed resistors and PTCs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |