Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6002ACMC Datasheet(PDF) 106 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 106 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 102Page - Teccor Electronics P6002ACMC Datasheet HTML 103Page - Teccor Electronics P6002ACMC Datasheet HTML 104Page - Teccor Electronics P6002ACMC Datasheet HTML 105Page - Teccor Electronics P6002ACMC Datasheet HTML 106Page - Teccor Electronics P6002ACMC Datasheet HTML 107Page - Teccor Electronics P6002ACMC Datasheet HTML 108Page - Teccor Electronics P6002ACMC Datasheet HTML 109Page - Teccor Electronics P6002ACMC Datasheet HTML 110Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 212 page
background image
Analog Line Cards
http://www.teccor.com
3 - 18
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Off-Hook (SLIC) Protection
Off-hook protection is accomplished by choosing a SIDACtor device that meets the
following criteria to ensure proper coordination between the supply voltage (VREF) and the
maximum voltage rating of the SLIC to be protected.
VDRM > VREF
VS
£ VSLIC Breakdown
This criterion can be accomplished in a variety of different ways. For applications using an
external ring generator and a fixed battery voltage, two P0641S_ SIDACtor devices
(P0721S_, P0901S_, or P1101S_ depending on the value of VREF) are used — one Tip to
Ground, one Ring to Ground. For applications using a ring-generating SLIC such as AMD’s
Am79R79, the B1XX0C_ or B1XX1U_ can be used.
IPP Selection
The IPP of the SIDACtor device must be greater than or equal to the maximum available
surge current (IPK(available)) of the applicable regulatory requirements. Calculate the maximum
available surge current by dividing the peak surge voltage supplied by the voltage generator
(VPK) by the total circuit resistance (RTOTAL). The total circuit resistance is determined by
adding the source resistance (RS) of the surge generator to the series resistance in front of
the SIDACtor device on Tip and Ring (RTIP and RRING).
IPP
³ IPK(available)
IPK(available) = VPK / RTOTAL
For metallic surges:
RTOTAL = RS + RTIP + RRING
For longitudinal surges:
RTOTAL = RS + RTIP
RTOTAL = RS + RRING
Reference Diagrams
Figure 3.21 shows the use of Teccor’s “SC” rated SIDACtor devices and the F1250T
TeleLink fuse to meet the surge immunity requirements of GR 1089. Teccor’s P1200SC and
P2000SC, specifically designed to protect Agere Systems (formerly Lucent
Microelectronics) Line Card Access Switch (LCAS), provide on-hook protection. Two
P0641SCs provide off-hook protection. Any additional series resistance is absent because
the “C” series SIDACtor device and F1250T TeleLink fuse are designed to withstand
GR 1089 surges without the aid of additional components such as line feed resistors and
PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com