Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6002ACMC Datasheet(PDF) 133 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 133 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 129Page - Teccor Electronics P6002ACMC Datasheet HTML 130Page - Teccor Electronics P6002ACMC Datasheet HTML 131Page - Teccor Electronics P6002ACMC Datasheet HTML 132Page - Teccor Electronics P6002ACMC Datasheet HTML 133Page - Teccor Electronics P6002ACMC Datasheet HTML 134Page - Teccor Electronics P6002ACMC Datasheet HTML 135Page - Teccor Electronics P6002ACMC Datasheet HTML 136Page - Teccor Electronics P6002ACMC Datasheet HTML 137Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 212 page
background image
GR 1089–Core
© 2002 Teccor Electronics
4 - 9
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 4.2 Second Level AC Power Fault and Current Limiter Connection
Current Limiting Protector Test
The purpose of the Current Limiting Protector Test, presented in Table 4.9, is to determine if
the EUT allows an excessive amount of current flow under power fault conditions. During
this test, the EUT is connected to a circuit equivalent to that shown in Figure 4.2 with a
1.6 A Type MDQ fuse from Bussman used as the wiring simulator. If the EUT draws enough
current to open the fuse, then the acceptable time/current criteria have not been met, and
external current limiting protectors must be specified for use with that equipment in the
manufacturer’s documentation.
Short-circuit Test
In addition to the AC Power Fault and Current Limiter Tests, equipment must also pass a
Short-circuit Test to comply with GR 1089. During this test, a short-circuit condition is
applied to the following Tip and Ring appearances for 30 minutes while the EUT is powered
and under operating conditions:
• Tip-to-Ring, Tip-to-Ground with Ring open circuit
• Ring-to-Ground with Tip open circuit
• Tip- and Ring-to-Ground simultaneously for 30 minutes
At no time will the short circuit exceed 1
W. For equipment with more than one twisted pair,
the short circuit is applied to all twisted pair simultaneously. To comply with the short circuit
test, the EUT must function normally after the short-circuit condition is removed, and a fire
hazard may not be present. The equipment shall not require manual intervention to restore
service.
Equipment
Tip
Wiring
Simulator
Ring
Chassis
Ground
20
Variable
60 Hz ac
Voltage
Source 0-600 V
(A) Metallic
AC Equipment Ground
(Green Wire Ground)
Equipment
Tip
Ring
Chassis
Ground
20
Wiring
Simulator
20
Variable
60 Hz ac
Voltage
Source 0-600 V
(B) Longitudinal
AC Equipment Ground
(Green Wire Ground)
Wiring
Simulator
Table 4.9 Current Limiting Protector Test
Test
Applied Voltage, 60 Hz
(VRMS)
Source Impedance
W
Duration
Test Connections
(Table 4.1, Figure 4.2
1
600
2
15 min
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com