Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104EDD Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R5F104EDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104EDD Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R5F104EDD Datasheet HTML 124Page - Renesas Technology Corp R5F104EDD Datasheet HTML 125Page - Renesas Technology Corp R5F104EDD Datasheet HTML 126Page - Renesas Technology Corp R5F104EDD Datasheet HTML 127Page - Renesas Technology Corp R5F104EDD Datasheet HTML 128Page - Renesas Technology Corp R5F104EDD Datasheet HTML 129Page - Renesas Technology Corp R5F104EDD Datasheet HTML 130Page - Renesas Technology Corp R5F104EDD Datasheet HTML 131Page - Renesas Technology Corp R5F104EDD Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 128 of 208
Aug 12, 2016
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Absolute Maximum Ratings
(2/2)
Parameter
Symbols
Conditions
Ratings
Unit
Output current, high
IOH1
Per pin
P00 to P06, P10 to P17, P30, P31, P40 to P47,
P50 to P57, P64 to P67, P70 to P77, P80 to P87,
P100 to P102, P110, P111, P120, P130,
P140 to P147
-40
mA
Total of all
pins
-170 mA
P00 to P04, P40 to P47, P102, P120, P130,
P140 to P145
-70
mA
P05, P06, P10 to P17, P30, P31, P50 to P57,
P64 to P67, P70 to P77, P80 to P87, P100, P101,
P110, P111, P146, P147
-100
mA
IOH2
Per pin
P20 to P27, P150 to P156
-0.5
mA
Total of all
pins
-2
mA
Output current, low
IOL1
Per pin
P00 to P06, P10 to P17, P30, P31, P40 to P47,
P50 to P57, P64 to P67, P70 to P77, P80 to P87,
P100 to P102, P110, P111, P120, P130,
P140 to P147
40
mA
Total of all
pins
170 mA
P00 to P04, P40 to P47, P102, P120, P130,
P140 to P145
70
mA
P05, P06, P10 to P17, P30, P31, P50 to P57,
P60 to P67, P70 to P77, P80 to P87, P100, P101,
P110, P111, P146, P147
100
mA
IOL2
Per pin
P20 to P27, P150 to P156
1
mA
Total of all
pins
5mA
Operating ambient
temperature
TA
In normal operation mode
-40 to +105
°C
In flash memory programming mode
Storage temperature
Tstg
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com