Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104EDD Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # R5F104EDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104EDD Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button R5F104EDD Datasheet HTML 146Page - Renesas Technology Corp R5F104EDD Datasheet HTML 147Page - Renesas Technology Corp R5F104EDD Datasheet HTML 148Page - Renesas Technology Corp R5F104EDD Datasheet HTML 149Page - Renesas Technology Corp R5F104EDD Datasheet HTML 150Page - Renesas Technology Corp R5F104EDD Datasheet HTML 151Page - Renesas Technology Corp R5F104EDD Datasheet HTML 152Page - Renesas Technology Corp R5F104EDD Datasheet HTML 153Page - Renesas Technology Corp R5F104EDD Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 150 of 208
Aug 12, 2016
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Timer RD input high-level
width, low-level width
tTDIH,
tTDIL
TRDIOA0, TRDIOA1, TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1, TRDIOD0, TRDIOD1
3/fCLK
ns
Timer RD forced cutoff signal
input low-level width
tTDSIL
P130/INTP0
2MHz < fCLK
≤ 32 MHz
1
μs
fCLK
≤ 2 MHz
1/fCLK + 1
Timer RG input high-level
width, low-level width
tTGIH,
tTGIL
TRGIOA, TRGIOB
2.5/fCLK
ns
TO00 to TO03,
TO10 to TO13,
TRJIO0, TRJO0,
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1,
TRGIOA, TRGIOB
output frequency
fTO
HS (high-speed main) mode
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
2.4 V
≤ EVDD0 < 2.7 V
4
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
HS (high-speed main) mode
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
2.4 V
≤ EVDD0 < 2.7 V
4
MHz
Interrupt input high-level
width, low-level width
tINTH,
tINTL
INTP0
2.4 V
≤ VDD ≤ 5.5 V
1
μs
INTP1 to INTP11
2.4 V
≤ EVDD0 ≤ 5.5 V
1
μs
Key interrupt input low-level
width
tKR
KR0 to KR7
2.4 V
≤ EVDD0 ≤ 5.5 V
250
ns
RESET low-level width
tRSL
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com