Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104EDD Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # R5F104EDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104EDD Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button R5F104EDD Datasheet HTML 179Page - Renesas Technology Corp R5F104EDD Datasheet HTML 180Page - Renesas Technology Corp R5F104EDD Datasheet HTML 181Page - Renesas Technology Corp R5F104EDD Datasheet HTML 182Page - Renesas Technology Corp R5F104EDD Datasheet HTML 183Page - Renesas Technology Corp R5F104EDD Datasheet HTML 184Page - Renesas Technology Corp R5F104EDD Datasheet HTML 185Page - Renesas Technology Corp R5F104EDD Datasheet HTML 186Page - Renesas Technology Corp R5F104EDD Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 183 of 208
Aug 12, 2016
3.6.4
Comparator
Note
Not usable in sub-clock operation or STOP mode.
3.6.5
POR circuit characteristics
Note 1.
However, when the operating voltage falls while the LVD is off, enter STOP mode, or enable the reset status using the
external reset pin before the voltage falls below the operating voltage range shown in 3.4 AC Characteristics.
Note 2.
Minimum time required for a POR reset when VDD exceeds below VPDR. This is also the minimum time required for a
POR reset from when VDD exceeds below 0.7 V to when VDD exceeds VPOR while STOP mode is entered or the main
system clock is stopped through setting bit 0 (HIOSTOP) and bit 7 (MSTOP) in the clock operation status control register
(CSC).
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage range
Ivref
0EVDD0 - 1.4
V
Ivcmp
-0.3
EVDD0 + 0.3
V
Output delay
td
VDD = 3.0 V
Input slew rate > 50 mV/
μs
Comparator high-speed mode,
standard mode
1.2
μs
Comparator high-speed mode,
window mode
2.0
μs
Comparator low-speed mode,
standard mode
3.0
5.0
μs
High-electric-potential
reference voltage
VTW+
Comparator high-speed mode, window mode
0.76 VDD
V
Low-electric-potential ref-
erence voltage
VTW-
Comparator high-speed mode, window mode
0.24 VDD
V
Operation stabilization
wait time
tCMP
100
μs
Internal reference voltage
Note
VBGR
2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode
1.38
1.45
1.50
V
(TA = -40 to +105°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power on/down reset threshold VPOR
Voltage threshold on VDD rising
1.45
1.51
1.57
V
VPDR
Voltage threshold on VDD falling Note 1
1.44
1.50
1.56
V
Minimum pulse width Note 2
TPW
300
μs
TPW
VPOR
VPDR or 0.7 V
Supply voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com