Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104EDD Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R5F104EDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104EDD Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R5F104EDD Datasheet HTML 193Page - Renesas Technology Corp R5F104EDD Datasheet HTML 194Page - Renesas Technology Corp R5F104EDD Datasheet HTML 195Page - Renesas Technology Corp R5F104EDD Datasheet HTML 196Page - Renesas Technology Corp R5F104EDD Datasheet HTML 197Page - Renesas Technology Corp R5F104EDD Datasheet HTML 198Page - Renesas Technology Corp R5F104EDD Datasheet HTML 199Page - Renesas Technology Corp R5F104EDD Datasheet HTML 200Page - Renesas Technology Corp R5F104EDD Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 213 page
background image
RL78/G14
4. PACKAGE DRAWINGS
R01DS0053EJ0330 Rev. 3.30
Page 197 of 208
Aug 12, 2016
4.7
52-pin products
R5F104JCAFA, R5F104JDAFA, R5F104JEAFA, R5F104JFAFA, R5F104JGAFA, R5F104JHAFA, R5F104JJAFA
R5F104JCDFA, R5F104JDDFA, R5F104JEDFA, R5F104JFDFA, R5F104JGDFA, R5F104JHDFA, R5F104JJDFA
R5F104JCGFA, R5F104JDGFA, R5F104JEGFA, R5F104JFGFA, R5F104JGGFA, R5F104JHGFA, R5F104JJGFA
y
e
x
b
M
θ
L
c
HD
HE
A1
A2
A
D
E
0.145
±0.055
(UNIT:mm)
ITEM
DIMENSIONS
D
E
HD
HE
A
A1
A2
10.00
±0.10
10.00
±0.10
12.00
±0.20
12.00
±0.20
1.70 MAX.
0.10
±0.05
1.40
c
θ
e
x
y
0.65
0.13
0.10
L
0.50
±0.15
0
° to 8°
detail of lead end
0.32
±0.05
b
13
26
1
52
14
27
40
39
2
1
3
2012 Renesas Electronics Corporation. All rights reserved.
NOTE
1.Dimensions “
1” and “
2” do not include mold flash.
2.Dimension “
3” does not include trim offset.
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LQFP52-10x10-0.65
PLQP0052JA-A
P52GB-65-GBS-1
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com