Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025MJ-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN5E025MJ-E
Description  Single channel high side driver with analog current sense for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025MJ-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN5E025MJ-E Datasheet HTML 4Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 5Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 6Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 7Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 8Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 9Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 10Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 11Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Electrical specifications
VN5E025MJ-E
8/35
DocID16373 Rev 2
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8V < VCC < 28V; -40°C < Tj < 150°C, unless
otherwise stated.
VESD
Electrostatic discharge
(Human Body Model: R = 1.5K
Ω; C = 100pF)
– INPUT
– CURRENT SENSE
–CS_DIS
– OUTPUT
–VCC
4000
2000
4000
5000
5000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3. Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 4. Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case Thermal resistance junction-case
1.4
°C/W
Rthj-amb Thermal resistance junction-ambient
See Figure 33
°C/W
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4.5
13
28
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
On-state resistance
IOUT = 3A; Tj = 25°C
25
m
Ω
IOUT = 3A; Tj = 150°C
50
m
Ω
IOUT = 3A; VCC = 5V; Tj = 25°C
35
m
Ω
Vclamp
Clamp voltage
IS = 20 mA
41
46
52
V
IS
Supply current
Off-state; VCC = 13V; Tj = 25°C;
VIN = VOUT = VSENSE = VCSD = 0V
2(1)
5(1)
µA
On-state; VCC = 13V; VIN = 5V;
IOUT = 0A
1.5
3
mA


Similar Part No. - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
   SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
   Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
   Single channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com