Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025MJ-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN5E025MJ-E
Description  Single channel high side driver with analog current sense for automotive applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025MJ-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN5E025MJ-E Datasheet HTML 5Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 6Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 7Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 8Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 9Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 10Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 11Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 12Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID16373 Rev 2
9/35
VN5E025MJ-E
Electrical specifications
33
IL(off1)
Off-state output current
VIN = VOUT = 0V; VCC = 13V;
Tj = 25°C
00.01
3
µA
VIN = VOUT = 0V; VCC = 13V;
Tj = 125°C
05
µA
VF
Output - VCC diode
voltage
-IOUT = 2A; Tj = 150°C
0.7
V
1.
PowerMOS leakage included.
Table 6. Switching characteristics (VCC=13V, Tj=25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL = 4.3Ω (see Figure 5)—
15
µs
td(off)
Turn-off delay time
RL = 4.3Ω (see Figure 5)—
40
µs
(dVOUT/dt)on Turn-on voltage slope
RL = 4.3Ω
See
Figure 23
—V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL = 4.3Ω
See
Figure 25
—V
/µs
WON
Switching energy losses
during twon
RL = 4.3Ω (see Figure 5)—
0.4
mJ
WOFF
Switching energy losses
during twoff
RL = 4.3Ω (see Figure 5)—
0.5
mJ
Table 7. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN = 1mA
5.5
7
V
IIN = -1mA
-0.7
V
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS current
VCSD = 0.9V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
ICSDH
High level CS_DIS current
VCSD = 2.1V
10
µA
VCSD(hyst) CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD = 1mA
5.5
7
V
ICSD = -1mA
-0.7
V
Table 5. Power section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
Single channel high side driver with analog current sense for automotive applications
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com